Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND830ASP Datasheet(PDF) 4 Page - STMicroelectronics

Part # VND830ASP
Description  DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830ASP Datasheet(HTML) 4 Page - STMicroelectronics

  VND830ASP Datasheet HTML 1Page - STMicroelectronics VND830ASP Datasheet HTML 2Page - STMicroelectronics VND830ASP Datasheet HTML 3Page - STMicroelectronics VND830ASP Datasheet HTML 4Page - STMicroelectronics VND830ASP Datasheet HTML 5Page - STMicroelectronics VND830ASP Datasheet HTML 6Page - STMicroelectronics VND830ASP Datasheet HTML 7Page - STMicroelectronics VND830ASP Datasheet HTML 8Page - STMicroelectronics VND830ASP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/17
VND830ASP
ELECTRICAL CHARACTERISTICS (continued)
VCC - OUTPUT DIODE
PROTECTIONS
CURRENT SENSE (9V
≤V
CC≤16V) (See figure 1)
Note 2: current sense signal delay after positive input slope.
Note: Sense pin doesn’t have to be left floating.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VF
Forward on Voltage
-IOUT=2A; Tj=150°C
0.6
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Ilim
Current limitation
Vcc=13V
5.5V<Vcc<36V
69
15
15
A
A
TTSD
Thermal shut-down
temperature
150
175
200
°C
TR
Thermal reset temperature
135
°C
THYST
Thermal hysteresis
7
15
°C
Vdemag
Turn-off output voltage clamp IOUT=2A; VIN=0V; L=6mH
VCC-41 VCC-48 VCC-55
V
VON
Output voltage drop limitation IOUT=10mA
50
mV
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
K0
IOUT/ISENSE
IOUT1 or IOUT2=0.05A; VSENSE=0.5V;
other channels open; Tj= -40°C...150°C
600
1300
2000
K1
IOUT/ISENSE
IOUT1 or IOUT2=0.25A; VSENSE=0.5V;
other channels open; Tj= -40°C...150°C
1000
1400
1900
dK1/K1
Current Sense Ratio Drift
IOUT1 or IOUT2=0.25A; VSENSE=0.5V;
other channels open; Tj= -40°C...150°C
-10
+10
%
K2
IOUT/ISENSE
IOUT1 or IOUT2=1.6A; VSENSE=4V; other
channels open; Tj=-40°C
Tj=25°C...150°C
1280
1300
1500
1500
1800
1780
dK2/K2
Current Sense Ratio Drift
IOUT1 or IOUT2=1.6A; VSENSE=4V; other
channels open; Tj=-40°C...150°C
-6
+6
%
K3
IOUT/ISENSE
IOUT1 or IOUT2=2.5A; VSENSE=4V; other
channels open; Tj=-40°C
Tj=25°C...150°C
1280
1340
1500
1500
1680
1600
dK3/K3
Current Sense Ratio Drift
IOUT1 or IOUT2=2.5A; VSENSE=4V; other
channels open; Tj=-40°C...150°C
-6
+6
%
ISENSE
Analog Sense Leakage Cur-
rent
VIN=0V; IOUT=0A; VSENSE=0V;
Tj=-40°C...150°C
VIN=5V; IOUT=0A; VSENSE=0V;
Tj=-40°C...150°C
0
0
5
10
µA
µA
VSENSE
Max Analog Sense Output
Voltage
VCC=5.5V; IOUT1,2=1.3A; RSENSE=10kΩ
VCC>8V, IOUT1,2=2.5A; RSENSE=10kΩ
2
4
V
V
VSENSEH
Sense Voltage in
Overtemperature conditions
VCC=13V; RSENSE=3.9kΩ
5.5
V
RVSENSEH
Analog Sense Output
Impedance in
Overtemperature Condition
VCC=13V; Tj>TTSD; All Channels Open
400
Ω
tDSENSE
Current sense delay
response
to 90% ISENSE (see note 2)
500
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com