Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND830ASP Datasheet(PDF) 3 Page - STMicroelectronics

Part # VND830ASP
Description  DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830ASP Datasheet(HTML) 3 Page - STMicroelectronics

  VND830ASP Datasheet HTML 1Page - STMicroelectronics VND830ASP Datasheet HTML 2Page - STMicroelectronics VND830ASP Datasheet HTML 3Page - STMicroelectronics VND830ASP Datasheet HTML 4Page - STMicroelectronics VND830ASP Datasheet HTML 5Page - STMicroelectronics VND830ASP Datasheet HTML 6Page - STMicroelectronics VND830ASP Datasheet HTML 7Page - STMicroelectronics VND830ASP Datasheet HTML 8Page - STMicroelectronics VND830ASP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
VND830ASP
THERMAL DATA
(*) When mounted on a standard single-sided FR-4 board with 0.5cm2 of Cu (at least 35
µm thick). Horizontal mounting and no artificial air
flow
ELECTRICAL CHARACTERISTICS (8V<VCC<36V; -40°C< Tj <150°C, unless otherwise specified)
(Per each channel)
POWER OUTPUT
SWITCHING (VCC =13V)
LOGIC INPUT (Channels 1,2)
Note 1: Vclamp and VOV are correlated. Typical difference is 5V.
Symbol
Parameter
Value
Unit
Rthj-case
Thermal Resistance Junction-case
1.2
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
51.2 (*)
°C/W
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC
Operating Supply Voltage
5.5
13
36
V
VUSD
Undervoltage Shut-down
3
4
5.5
V
VOV
Overvoltage Shut-down
36
V
RON
On State Resistance
IOUT =2A; Tj=25°C
IOUT =2A; Tj=150°C
60
120
m
Ω
m
Ω
Vclamp
Clamp voltage
ICC=20 mA (see note 1)
41
48
55
V
IS
Supply Current
Off State; VCC=13V; VIN=VOUT=0V
Off State; VCC=13V; VIN=VOUT=0V;
Tj =25°C
On State; VIN=5V; VCC=13V; IOUT=0A;
RSENSE=3.9KΩ
12
12
40
25
7
µA
µA
mA
IL(off1)
Off State Output Current
VIN=VOUT=0V; VCC=36V; Tj=125°C
0
50
µA
IL(off2)
Off State Output Current
VIN=0V; VOUT=3.5V
-75
0
µA
IL(off3)
Off State Output Current
VIN=VOUT=0V; VCC=13V; Tj =125°C
5
µA
IL(off4)
Off State Output Current
VIN=VOUT=0V; VCC=13V; Tj =25°C
3
µA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
td(on)
Turn-on Delay Time
RL=6.5Ω from VIN rising edge to
VOUT=1.3V
30
µs
td(off)
Turn-off Delay Time
RL=6.5Ω from VIN falling edge to
VOUT=11.7V
30
µs
dVOUT/dt(on) Turn-on Voltage Slope
RL=6.5Ω from VOUT=1.3V to VOUT=10.4V
See
relative
diagram
V/
µs
dVOUT/dt(off) Turn-off Voltage Slope
RL=6.5Ω from VOUT=11.7V to VOUT=1.3V
See
relative
diagram
V/
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
1.25
V
IIL
Low level input current
VIN=1.25V
1
µA
VIH
Input high level voltage
3.25
V
IIH
High level input current
VIN=3.25V
10
µA
VI(hyst)
Input hysteresis voltage
0.5
V
VICL
Input clamp voltage
IIN=1mA
IIN=-1mA
66.8
-0.7
8V
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com