Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND830ASP Datasheet(PDF) 11 Page - STMicroelectronics

Part # VND830ASP
Description  DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830ASP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VND830ASP Datasheet HTML 7Page - STMicroelectronics VND830ASP Datasheet HTML 8Page - STMicroelectronics VND830ASP Datasheet HTML 9Page - STMicroelectronics VND830ASP Datasheet HTML 10Page - STMicroelectronics VND830ASP Datasheet HTML 11Page - STMicroelectronics VND830ASP Datasheet HTML 12Page - STMicroelectronics VND830ASP Datasheet HTML 13Page - STMicroelectronics VND830ASP Datasheet HTML 14Page - STMicroelectronics VND830ASP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
VND830ASP
Overvoltage Shutdown
Turn-on Voltage Slope
Turn-off Voltage Slope
ILIM Vs Tcase
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
30
32.5
35
37.5
40
42.5
45
47.5
50
Vov (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
200
250
300
350
400
450
500
550
600
dVout/dt(on) (V/ms)
Vcc=13V
Rl=6.5Ohm
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
50
100
150
200
250
300
350
400
450
500
dVout/dt(off) (V/ms)
Vcc=13V
Rl=6.5Ohm
On State Resistance Vs Tcase
On State Resistance Vs VCC
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
2.5
5
7.5
10
12.5
15
17.5
20
Ilim (A)
Vcc=13V
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
10
20
30
40
50
60
70
80
90
100
Ron (mOhm)
Iout=5A
Vcc=8V & 36V
5
10
15
20
25303540
Vcc (V)
20
30
40
50
60
70
80
90
100
Ron (mOhm)
Iout=5A
Tc=150ºC
Tc=25ºC
Tc= -40ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com