Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F030C8 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32F030C8
Description  Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030C8 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32F030C8 Datasheet HTML 56Page - STMicroelectronics STM32F030C8 Datasheet HTML 57Page - STMicroelectronics STM32F030C8 Datasheet HTML 58Page - STMicroelectronics STM32F030C8 Datasheet HTML 59Page - STMicroelectronics STM32F030C8 Datasheet HTML 60Page - STMicroelectronics STM32F030C8 Datasheet HTML 61Page - STMicroelectronics STM32F030C8 Datasheet HTML 62Page - STMicroelectronics STM32F030C8 Datasheet HTML 63Page - STMicroelectronics STM32F030C8 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
Electrical characteristics
STM32F030x4 STM32F030x6 STM32F030x8
60/88
DocID024849 Rev 1
Output driving current
The GPIOs (general purpose input/outputs) can sink or source up to +/-8 mA, and sink or
source up to +/- 20 mA (with a relaxed VOL/VOH).
In the user application, the number of I/O pins which can drive current must be limited to
respect the absolute maximum rating specified in Section 6.2:
The sum of the currents sourced by all the I/Os on VDD, plus the maximum Run
consumption of the MCU sourced on VDD, cannot exceed the absolute maximum rating
I
VDD (see Table 16: Current characteristics).
The sum of the currents sunk by all the I/Os on VSS plus the maximum Run
consumption of the MCU sunk on VSS cannot exceed the absolute maximum rating
I
VSS (see Table 16: Current characteristics).
Output voltage levels
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under ambient temperature and VDD supply voltage conditions summarized in
Table 18: General operating conditions. All I/Os are CMOS and TTL compliant (FT, TTa or
TC unless otherwise specified).
Table 45. Output voltage characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(1)
Output low level voltage for an I/O pin when 8
pins are sunk at the same time
IIO = +8 mA
2.7 V < VDD < 3.6 V
-0.4
V
VOH
(2)
Output high level voltage for an I/O pin when 8
pins are sourced at the same time
VDD–0.4
-
VOL
(1)(3)
Output low level voltage for an I/O pin when 5
pins are sunk at the same time
IIO = +20 mA
2.7 V < VDD < 3.6 V
-1.3
V
VOH
(2)(3)
Output high level voltage for an I/O pin when 5
pins are sourced at the same time
VDD–1.3
-
VOL
(1)(3)
Output low level voltage for an I/O pin when 8
pins are sunk at the same time
IIO = +6 mA
2.4 V < VDD < 2.7 V
-0.4
V
VOH
(2)(3)
Output high level voltage for an I/O pin when 8
pins are sourced at the same time
VDD–0.4
-
VOLFM+
(1)
Output low level voltage for an FTf I/O pin in
FM+ mode
IIO = +20 mA
-
0.4
V
1. The IIO current sunk by the device must always respect the absolute maximum rating specified in Table 16:
Current characteristics and the sum of IIO (I/O ports and control pins) must not exceed IVSS.
2. The IIO current sourced by the device must always respect the absolute maximum rating specified in
Table 16: Current characteristics and the sum of IIO (I/O ports and control pins) must not exceed IVDD.
3. Data based on characterization results. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com