Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F030C8 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32F030C8
Description  Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030C8 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32F030C8 Datasheet HTML 43Page - STMicroelectronics STM32F030C8 Datasheet HTML 44Page - STMicroelectronics STM32F030C8 Datasheet HTML 45Page - STMicroelectronics STM32F030C8 Datasheet HTML 46Page - STMicroelectronics STM32F030C8 Datasheet HTML 47Page - STMicroelectronics STM32F030C8 Datasheet HTML 48Page - STMicroelectronics STM32F030C8 Datasheet HTML 49Page - STMicroelectronics STM32F030C8 Datasheet HTML 50Page - STMicroelectronics STM32F030C8 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
DocID024849 Rev 1
47/88
STM32F030x4 STM32F030x6 STM32F030x8
Electrical characteristics
73
6.3.6
Wakeup time from low-power mode
The wakeup times given in Table 28 is measured on a wakeup phase with a 8-MHz HSI RC
oscillator. The event used to wake up the device depends from the current operating mode:
Stop or sleep mode: the wakeup event is WFE.
The wakeup pin used in stop and sleep mode is PA0 and in standby mode is PA1.
All timings are derived from tests performed under ambient temperature and VDD supply
voltage conditions summarized in Table 18: General operating conditions.
Table 27. Switching output I/O current consumption
Symbol
Parameter
Conditions(1)
1. CS = 7 pF (estimated value)
I/O toggling
frequency
(fSW)
Typ
Unit
ISW
I/O current
consumption
VDD = 3.3 V
CEXT = 0 pF
C = CINT + CEXT+ CS
4 MHz
0.18
mA
8 MHz
0.37
16 MHz
0.76
24 MHz
1.39
48 MHz
2.188
VDD = 3.3 V
CEXT = 22 pF
C = CINT + CEXT+ CS
4 MHz
0.49
8 MHz
0.94
16 MHz
2.38
24 MHz
3.99
VDD = 3.3 V
CEXT = 47 pF
C = CINT + CEXT+ CS
C = Cint
4 MHz
0.81
8 MHz
1.7
16 MHz
3.67
Table 28. Low-power mode wakeup timings
Symbol
Parameter
Conditions
Typ @VDD
= 3.3 V
Max
Unit
tWUSTOP
Wakeup from Stop mode
Regulator in run mode
4.2
5
µs
tWUSTANDBY
Wakeup from Standby mode
50.96
-
tWUSLEEP
Wakeup from Sleep mode
1.1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com