Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F030C8 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32F030C8
Description  Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030C8 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32F030C8 Datasheet HTML 34Page - STMicroelectronics STM32F030C8 Datasheet HTML 35Page - STMicroelectronics STM32F030C8 Datasheet HTML 36Page - STMicroelectronics STM32F030C8 Datasheet HTML 37Page - STMicroelectronics STM32F030C8 Datasheet HTML 38Page - STMicroelectronics STM32F030C8 Datasheet HTML 39Page - STMicroelectronics STM32F030C8 Datasheet HTML 40Page - STMicroelectronics STM32F030C8 Datasheet HTML 41Page - STMicroelectronics STM32F030C8 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
Electrical characteristics
STM32F030x4 STM32F030x6 STM32F030x8
38/88
DocID024849 Rev 1
6.1.7
Current consumption measurement
Figure 11. Current consumption measurement scheme
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 15: Voltage characteristics,
Table 16: Current characteristics, and Table 17: Thermal characteristics may cause
permanent damage to the device. These are stress ratings only and functional operation of
the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
MS32142V1
VDD
VDDA
IDD
IDDA
Table 15. Voltage characteristics(1)
1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the
external power supply, in the permitted range.
Symbol
Ratings
Min
Max
Unit
VDD–VSS
External main supply voltage (including
VDDA and VDD)
–0.3
4.0
V
VDD–VDDA
Allowed voltage difference for VDD >VDDA
-0.4
V
VIN
(2)
2. VIN maximum must always be respected. Refer to Table 16: Current characteristics for the
maximum allowed injected current values.
Input voltage on FT and FTf pins
VSS  0.3
VDD + 4.0
V
Input voltage on TTa pins
VSS  0.3
4.0
V
Input voltage on any other pin
VSS 0.3
4.0
V
|
V
DDx|
Variations between different VDD power pins
-
50
mV
|VSSX VSS|
Variations between all the different ground
pins
-50
mV
VESD(HBM)
Electrostatic discharge voltage (human
body model)
see Section 6.3.12: Electrical
sensitivity characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com