Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F030C8 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32F030C8
Description  Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030C8 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32F030C8 Datasheet HTML 65Page - STMicroelectronics STM32F030C8 Datasheet HTML 66Page - STMicroelectronics STM32F030C8 Datasheet HTML 67Page - STMicroelectronics STM32F030C8 Datasheet HTML 68Page - STMicroelectronics STM32F030C8 Datasheet HTML 69Page - STMicroelectronics STM32F030C8 Datasheet HTML 70Page - STMicroelectronics STM32F030C8 Datasheet HTML 71Page - STMicroelectronics STM32F030C8 Datasheet HTML 72Page - STMicroelectronics STM32F030C8 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
DocID024849 Rev 1
69/88
STM32F030x4 STM32F030x6 STM32F030x8
Electrical characteristics
73
6.3.19
Communication interfaces
I
2C interface characteristics
The I
2C interface meets the requirements of the standard I2C communication protocol with
the following restrictions: the I/O pins SDA and SCL are mapped to are not “true” open-
drain. When configured as open-drain, the PMOS connected between the I/O pin and VDD is
disabled, but is still present.
The I
2C characteristics are described in Table 55. Refer also to Section 6.3.14: I/O port
characteristics for more details on the input/output alternate function characteristics (SDA
and SCL).
Table 55. I2C characteristics(1)
Symbol
Parameter
Standard
Fast mode
Fast mode +
Unit
Min
Max
Min
Max
Min
Max
fSCL
SCL clock frequency
0
100
0
400
0
1000
KHz
tLOW
Low period of the SCL clock
4.7
-
1.3
-
0.5
-
µs
tHIGH
High Period of the SCL clock
4
0.6
0.26
-
µs
tr
Rise time of both SDA and SCL
signals
-
1000
-
300
-
120
ns
tf
Fall time of both SDA and SCL
signals
-
300
-
300
-
120
ns
tHD;DAT
Data hold time
0
-
0
-
0
-
µs
tVD;DAT
Data valid time
-
3.45(2)
-0.9(2)
-0.45(2)
µs
tVD;ACK
Data valid acknowledge time
-
3.45(2)
-0.9(2)
-0.45(2)
µs
tSU;DAT
Data setup time
250
-
100
-
50
-
ns
tHD;STA
Hold time (repeated) START
condition
4.0
-
0.6
-
0.26
-
µs
tSU;STA
Set-up time for a repeated
START
condition
4.7
-
0.6
-
0.26
µs
tSU;STO
Set-up time for STOP condition
4.0
-
0.6
-
0.26
-
µs
tBUF
Bus free time between a
STOP and START condition
4.7
-
1.3
-
0.5
-
µs
Cb
Capacitive load for each bus line
-
400
-
400
-
550
pF
1. The I2C characteristics are the requirements from the I2C bus specification rev03. They are guaranteed by
design when the I2Cx_TIMING register is correctly programmed (refer to reference manual). These
characteristics are not tested in production.
2. The maximum tHD;DAT could be 3.45 µs, 0.9 µs and 0.45 µs for standard mode, fast mode and fast mode
plus, but must be less than the maximum of tVD;DAT or tVD;ACK by a transition time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com