Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F030C8 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32F030C8
Description  Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030C8 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32F030C8 Datasheet HTML 21Page - STMicroelectronics STM32F030C8 Datasheet HTML 22Page - STMicroelectronics STM32F030C8 Datasheet HTML 23Page - STMicroelectronics STM32F030C8 Datasheet HTML 24Page - STMicroelectronics STM32F030C8 Datasheet HTML 25Page - STMicroelectronics STM32F030C8 Datasheet HTML 26Page - STMicroelectronics STM32F030C8 Datasheet HTML 27Page - STMicroelectronics STM32F030C8 Datasheet HTML 28Page - STMicroelectronics STM32F030C8 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
DocID024849 Rev 1
25/88
STM32F030x4 STM32F030x6 STM32F030x8
Pinouts and pin descriptions
32
Figure 6. TSSOP20 package pinout
1.
The above figure shows the package top view.
MS32731V1
1
20
10
11
19
18
17
16
15
12
13
14
2
3
4
5
6
7
8
9
PF0/OSC_IN
BOOT0
PF1/OSC_OUT
NRST
VDDA
PA0
PA 9
VDD
PA14
PA6
PA7
PB1
VSS
PA1
PA2
PA3
PA4
PA5
PA13
PA10
Table 10. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function
during and after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
FTf
5 V tolerant I/O, FM+ capable
TTa
3.3 V tolerant I/O directly connected to ADC
TC
Standard 3.3V I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with embedded weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during
and after reset.
Pin
functions
Alternate functions
Functions selected through GPIOx_AFR registers
Additional functions Functions directly selected/enabled through peripheral registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com