Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F030C8 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32F030C8
Description  Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030C8 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32F030C8 Datasheet HTML 39Page - STMicroelectronics STM32F030C8 Datasheet HTML 40Page - STMicroelectronics STM32F030C8 Datasheet HTML 41Page - STMicroelectronics STM32F030C8 Datasheet HTML 42Page - STMicroelectronics STM32F030C8 Datasheet HTML 43Page - STMicroelectronics STM32F030C8 Datasheet HTML 44Page - STMicroelectronics STM32F030C8 Datasheet HTML 45Page - STMicroelectronics STM32F030C8 Datasheet HTML 46Page - STMicroelectronics STM32F030C8 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
DocID024849 Rev 1
43/88
STM32F030x4 STM32F030x6 STM32F030x8
Electrical characteristics
73
Table 22.
Typical and maximum current consumption from VDD supply at VDD = 3.6
Symbol
Parameter
Conditions
fHCLK
All peripherals enabled
Unit
Typ
Max @ TA
(1)
1. Data based on characterization results, not tested in production unless otherwise specified.
85 °C
IDD
Supply current in
Run mode, code
executing from
Flash
HSI clock, PLL on
48 MHz
22
22.8
mA
24 MHz
12.2
13.2
HSI clock, PLL off
8 MHz
4.4
5.2
Supply current in
Run mode, code
executing from
RAM
HSI clock, PLL on
48 MHz
22.2
23.2
24 MHz
11.2
12.2
HSI clock, PLL off
8 MHz
4.0
4.5
Supply current in
Sleep mode, code
executing from
Flash or RAM
HSI clock, PLL on
48 MHz
14
15.3
24 MHz
7.3
7.8
HSI clock, PLL off
8 MHz
2.6
2.9
Table 23. Typical and maximum current consumption from the VDDA supply
Symbol
Parameter
Conditions(1)
1. Current consumption from the VDDA supply is independent of whether the peripherals are on or
off. Furthermore when the PLL is off, IDDA is independent from the frequency.
fHCLK
VDDA = 3.6 V
Unit
Typ
Max @ TA
(2)
85 °C
2. Data based on characterization results, not tested in production.
IDDA
Supply current
in Run mode,
code executing
from Flash or
RAM
HSE bypass, PLL on
48 MHz
175
215
µA
HSE bypass, PLL off
8 MHz
3.9
4.9
1 MHz
3.9
4.1
HSI clock, PLL on
48 MHz
244
275
HSI clock, PLL off
8 MHz
85
105
Supply current
in Sleep mode,
code executing
from Flash or
RAM
HSE bypass, PLL on
48 MHz
174
215
HSE bypass, PLL off
8 MHz
3.9
4.9
1 MHz
3.9
4.9
HSI clock, PLL on
48 MHz
244
299
HSI clock, PLL off
8 MHz
85
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com