Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6470H Datasheet(PDF) 52 Page - STMicroelectronics

Part # L6470H
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470H Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L6470H Datasheet HTML 48Page - STMicroelectronics L6470H Datasheet HTML 49Page - STMicroelectronics L6470H Datasheet HTML 50Page - STMicroelectronics L6470H Datasheet HTML 51Page - STMicroelectronics L6470H Datasheet HTML 52Page - STMicroelectronics L6470H Datasheet HTML 53Page - STMicroelectronics L6470H Datasheet HTML 54Page - STMicroelectronics L6470H Datasheet HTML 55Page - STMicroelectronics L6470H Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
Programming manual
L6470
52/70
Doc ID16737 Rev 5
In the following tables all available PWM frequencies are listed according to oscillator
frequency, F_PWM_INT and F_PWM_DEC values (CONFIG register OSC_SEL parameter
must be correctly programmed).
Table 29.
PWM frequency: multiplication factor
F_PWM_DEC [2..0]
Multiplication factor
00
0
0.625
00
1
0.75
01
0
0.875
01
1
1
10
0
1.25
10
1
1.5
11
0
1.75
11
1
2
Table 30.
Available PWM frequencies [kHz]: 8-MHz oscillator frequency
F_PWM_DEC
F_PWM_
INT
000
001
010
011
100
101
110
111
000
9.8
11.7
13.7
15.6
19.5
23.4
27.3
31.3
001
4.9
5.9
6.8
7.8
9.8
11.7
13.7
15.6
010
3.3
3.9
4.6
5.2
6.5
7.8
9.1
10.4
011
2.4
2.9
3.4
3.9
4.9
5.9
6.8
7.8
100
2.0
2.3
2.7
3.1
3.9
4.7
5.5
6.3
101
1.6
2.0
2.3
2.6
3.3
3.9
4.6
5.2
110
1.4
1.7
2.0
2.2
2.8
3.3
3.9
4.5
Table 31.
Available PWM frequencies [kHz]: 16-MHz oscillator frequency
F_PWM_DEC
F_PWM_INT
000
001
010
011
100
101
110
111
000
19.5
23.4
27.3
31.3
39.1
46.9
54.7
62.5
001
9.8
11.7
13.7
15.6
19.5
23.4
27.3
31.3
010
6.5
7.8
9.1
10.4
13.0
15.6
18.2
20.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com