Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6470H Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6470H
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470H Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6470H Datasheet HTML 17Page - STMicroelectronics L6470H Datasheet HTML 18Page - STMicroelectronics L6470H Datasheet HTML 19Page - STMicroelectronics L6470H Datasheet HTML 20Page - STMicroelectronics L6470H Datasheet HTML 21Page - STMicroelectronics L6470H Datasheet HTML 22Page - STMicroelectronics L6470H Datasheet HTML 23Page - STMicroelectronics L6470H Datasheet HTML 24Page - STMicroelectronics L6470H Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
L6470
Functional description
Doc ID16737 Rev 5
21/70
6
Functional description
6.1
Device power-up
At power-up end, the device state is the following:
Registers are set to default
Internal logic is driven by internal oscillator and a 2 MHz clock is provided by the
OSCOUT pin
Bridges are disabled (High Z)
UVLO bit in the STATUS register is forced low (fail condition)
FLAG output is forced low.
During power-up, the device is under reset (all logic IOs disabled and power bridges in high
impedance state) until the following conditions are satisfied:
VS is greater than VSthOn
VREG is greater than VREGth = 2.8 V typical
Internal oscillator is operative.
Any motion command makes the device exit from High Z state (HardStop and SoftStop
included).
6.2
Logic I/O
Pins CS, CK, SDI, STCK, SW and STBY\RST are TTL/CMOS 3.3 V - 5 V compatible logic
inputs.
Pin SDO is a TTL/CMOS compatible logic output. VDD pin voltage sets the logic output pin
voltage range; when it is connected to VREG or 3.3 V external supply voltage, the output is
3.3 V compatible. When VDD is connected to a 5 V supply voltage, SDO is 5 V compatible.
VDD is not internally connected to VREG, an external connection is always needed.
A 10 µF capacitor should be connected to the VDD pin in order to obtain a proper operation.
Pins FLAG and BUSY\SYNC are open drain outputs.
6.3
Charge pump
To ensure the correct driving of the high-side integrated MOSFETs, a voltage higher than
the motor power supply voltage needs to be applied to the VBOOT pin. The high-side gate
driver supply voltage, Vboot, is obtained through an oscillator and a few external components
realizing a charge pump (see Figure 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com