Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6470H Datasheet(PDF) 50 Page - STMicroelectronics

Part # L6470H
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470H Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L6470H Datasheet HTML 46Page - STMicroelectronics L6470H Datasheet HTML 47Page - STMicroelectronics L6470H Datasheet HTML 48Page - STMicroelectronics L6470H Datasheet HTML 49Page - STMicroelectronics L6470H Datasheet HTML 50Page - STMicroelectronics L6470H Datasheet HTML 51Page - STMicroelectronics L6470H Datasheet HTML 52Page - STMicroelectronics L6470H Datasheet HTML 53Page - STMicroelectronics L6470H Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
Programming manual
L6470
50/70
Doc ID16737 Rev 5
The SW_MODE bit sets the external switch to act as HardStop interrupt or not:
The OC_SD bit sets whether an overcurrent event causes or not the bridges to turn off; the
OCD flag in the STATUS register is forced low anyway:
The POW_SR bits set the slew rate value of power bridge output:
0100
External crystal or resonator: 8
MHz
Crystal/resonator
driving
Crystal/resonator
driving
0101
External crystal or resonator:
16 MHz
Crystal/resonator
driving
Crystal/resonator
driving
0110
External crystal or resonator:
24 MHz
Crystal/resonator
driving
Crystal/resonator
driving
0111
External crystal or resonator:
32 MHz
Crystal/resonator
driving
Crystal/resonator
driving
1100
Ext clock source: 8 MHz
(Crystal/resonator driver
disabled)
Clock source
Supplies inverted
OSCIN signal
1101
Ext clock source: 16 MHz
(Crystal/resonator driver
disabled)
Clock source
Supplies inverted
OSCIN signal
1110
Ext clock source: 24 MHz
(Crystal/resonator driver
disabled)
Clock source
Supplies inverted
OSCIN signal
1111
Ext clock source: 32 MHz
(Crystal/resonator driver
disabled)
Clock source
Supplies inverted
OSCIN signal
Table 23.
Oscillator management (continued)
EXT_C
LK
OSC_SEL[2..0]
Clock source
OSCIN
OSCOUT
Table 24.
External switch hard stop interrupt mode
SW_MODE
Switch mode
0
HardStop interrupt
1
User disposal
Table 25.
Overcurrent event
OC_SD
Overcurrent event
1
Bridges shut down
0
Bridges do not shut down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com