Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6470H Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6470H
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470H Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6470H Datasheet HTML 28Page - STMicroelectronics L6470H Datasheet HTML 29Page - STMicroelectronics L6470H Datasheet HTML 30Page - STMicroelectronics L6470H Datasheet HTML 31Page - STMicroelectronics L6470H Datasheet HTML 32Page - STMicroelectronics L6470H Datasheet HTML 33Page - STMicroelectronics L6470H Datasheet HTML 34Page - STMicroelectronics L6470H Datasheet HTML 35Page - STMicroelectronics L6470H Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
Functional description
L6470
32/70
Doc ID16737 Rev 5
Figure 14.
Internal 3 V linear regulator
6.17
BUSY\SYNC pin
This pin is an open drain output which can be used as the busy flag or synchronization
signal according to the SYNC_EN bit value (STEP_MODE register).
6.17.1
BUSY operation mode
The pin works as busy signal when the SYNC_EN bit is set low (default condition). In this
mode the output is forced low while a constant speed, absolute positioning or motion
command is under execution. The BUSY pin is released when the command has been
executed (target speed or target position reached). The STATUS register includes a BUSY
flag that is the BUSY pin mirror (see Section 9.1.22).
In the case of daisy chain configuration, BUSY pins of different ICs can be hard-wired to
save host controller GPIOs.
6.17.2
SYNC operation mode
The pin works as synchronization signal when the SYNC_EN bit is set high. In this mode a
step-clock signal is provided on the output according to a SYNC_SEL and STEP_SEL
parameter combination (see Section 9.1.19).
VREG
VDD
VSA
VSB
AGND
DGND
VDD
μC
IC
Vs
3V
VREG
VDD
VSA
VSB
AGND
DGND
IC
3.3V
REG.
Vs
VBAT
Logig supplied by
INTERNAL voltage regulator
Logig supplied by
EXTERNAL voltage regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com