Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6470H Datasheet(PDF) 42 Page - STMicroelectronics

Part # L6470H
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470H Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L6470H Datasheet HTML 38Page - STMicroelectronics L6470H Datasheet HTML 39Page - STMicroelectronics L6470H Datasheet HTML 40Page - STMicroelectronics L6470H Datasheet HTML 41Page - STMicroelectronics L6470H Datasheet HTML 42Page - STMicroelectronics L6470H Datasheet HTML 43Page - STMicroelectronics L6470H Datasheet HTML 44Page - STMicroelectronics L6470H Datasheet HTML 45Page - STMicroelectronics L6470H Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
Programming manual
L6470
42/70
Doc ID16737 Rev 5
9.1.3
MARK
The MARK register contains an absolute position called MARK according to the selected
step mode; the stored value unit is equal to the selected step mode (full, half, quarter, etc.).
It is in 2's complement format and it ranges from -221 to +221-1.
9.1.4
SPEED
The SPEED register contains the current motor speed, expressed in step/tick (format
unsigned fixed point 0.28).
In order to convert the SPEED value in step/s, the following formula can be used:
Equation 4
where SPEED is the integer number stored in the register and tick is 250 ns.
The available range is from 0 to 15625 step/s with a resolution of 0.015 step/s.
Note:
The range effectively available to the user is limited by the MAX_SPEED parameter.
Any attempt to write the register causes the command to be ignored and the
NOTPERF_CMD flag to rise (see Section 9.1.22).
9.1.5
ACC
The ACC register contains the speed profile acceleration expressed in step/tick2 (format
unsigned fixed point 0.40).
In order to convert ACC value in step/s2, the following formula can be used:
Equation 5
where ACC is the integer number stored in the register and tick is 250 ns.
The available range is from 14.55 to 59590 step/s2 with a resolution of 14.55 step/s2.
When the ACC value is set to 0xFFF, the device works in infinite acceleration mode.
Any attempt to write to the register when the motor is running causes the command to be
ignored and the NOTPERF_CMD flag to rise (see Section 9.1.22).
9.1.6
DEC
The DEC register contains the speed profile deceleration expressed in step/tick2 (format
unsigned fixed point 0.40).
In order to convert DEC value in step/s2, the following formula can be used:
Equation 6
step/s
[]
SPEED
2
28
–
⋅
tick
----------------------------------------
=
step/s
2
[]
ACC
2
40
–
⋅
tick
2
-------------------------------
=
step/s
2
[]
DEC
2
40
–
⋅
tick
2
-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com