Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6470H Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6470H
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470H Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6470H Datasheet HTML 15Page - STMicroelectronics L6470H Datasheet HTML 16Page - STMicroelectronics L6470H Datasheet HTML 17Page - STMicroelectronics L6470H Datasheet HTML 18Page - STMicroelectronics L6470H Datasheet HTML 19Page - STMicroelectronics L6470H Datasheet HTML 20Page - STMicroelectronics L6470H Datasheet HTML 21Page - STMicroelectronics L6470H Datasheet HTML 22Page - STMicroelectronics L6470H Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
L6470
Typical applications
Doc ID16737 Rev 5
19/70
5
Typical applications
Table 7.
Typical application values
Name
Value
CVS
220 nF
CVSPOL
100 µF
CREG
100 nF
CREGPOL
47 µF
CDD
100 nF
CDDPOL
10 µF
D1
Charge pump diodes
CBOOT
220 nF
CFLY
10 nF
RPU
39 k
Ω
RSW
100
Ω
CSW
10 nF
RA
2.7 k
Ω (VS = 36 V)
RB
62 k
Ω (VS = 36 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com