Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F1B6 Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 97Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 98Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 99Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 100Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 101Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 102Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 103Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 104Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
On-chip peripherals
Doc ID 8349 Rev 5
101/166
1: Master mode. The function of the SCK pin changes from an input to an output and
the functions of the MISO and MOSI pins are reversed.
Bit 3 =
CPOL Clock polarity
This bit is set and cleared by software. This bit determines the idle state of the serial
Clock. The CPOL bit affects both the master and slave modes.
0: SCK pin has a low level idle state
1: SCK pin has a high level idle state
Note:
If CPOL is changed at the communication byte boundaries, the SPI must be disabled by
resetting the SPE bit.
Bit 2 =
CPHA Clock Phase
This bit is set and cleared by software.
0: The first clock transition is the first data capture edge.
1: The second clock transition is the first capture edge.
Note:
The slave must have the same CPOL and CPHA settings as the master.
Bits 1:0 =
SPR[1:0] Serial Clock Frequency
These bits are set and cleared by software. Used with the SPR2 bit, they select the
baud rate of the SPI serial clock SCK output by the SPI in master mode.
Note:
These 2 bits have no effect in slave mode.
Control/status register (SPICSR)
Read/Write (some bits are Read Only)
Reset Value: 0000 0000 (00h)
Bit 7 =
SPIF Serial peripheral data transfer flag (Read only)
This bit is set by hardware when a transfer has been completed. An interrupt is
generated if SPIE=1 in the SPICR register. It is cleared by a software sequence (an
access to the SPICSR register followed by a write or a read to the SPIDR register).
0: Data transfer is in progress or the flag has been cleared.
1: Data transfer between the Device and an external device has been completed.
Table 42.
SPI Master mode SCK frequency
Serial Clock
SPR2
SPR1
SPR0
fCPU/4
1
0
0
fCPU/8
0
0
0
fCPU/16
0
0
1
fCPU/32
1
1
0
fCPU/64
0
1
0
fCPU/128
0
1
1
7
0
SPIF
WCOL
OVR
MODF
-
SOD
SSM
SSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com