Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F1B6 Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 101Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 102Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 103Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 104Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 105Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 106Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 107Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 108Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
On-chip peripherals
Doc ID 8349 Rev 5
105/166
For example, if VDD = 5 V, then the ADC can convert voltages in the range 0 V to 430 mV
with an ideal resolution of 0.6 mV (equivalent to 13-bit resolution with reference to a VSS to
VDD range).
Note:
For more details, refer to Section 13: Electrical characteristics.
The amplifier is switched on by the ADON bit in the ADCCSR register, so no additional
startup time is required when the amplifier is selected by the AMPSEL bit.
Digital A/D conversion result
The conversion is monotonic, meaning that the result never decreases if the analog input
does not and never increases if the analog input does not.
If the input voltage (VAIN) is greater than VDDA (high-level voltage reference) then the
conversion result is FFh in the ADCDRH register and 03h in the ADCDRL register (without
overflow indication).
If the input voltage (VAIN) is lower than VSSA (low-level voltage reference) then the
conversion result in the ADCDRH and ADCDRL registers is 00 00h.
The A/D converter is linear and the digital result of the conversion is stored in the ADCDRH
and ADCDRL registers. The accuracy of the conversion is described in Section 13:
Electrical characteristics.
RAIN is the maximum recommended impedance for an analog input signal. If the impedance
is too high, this will result in a loss of accuracy due to leakage and sampling not being
completed in the allowed time.
A/D Conversion
The analog input ports must be configured as input, no pull-up, no interrupt. Section 10: I/O
ports. Using these pins as analog inputs does not affect the ability of the port to be read as
a logic input.
In the ADCCSR register, select the CS[2:0] bits to assign the analog channel to convert.
ADC Conversion mode
In the ADCCSR register:
set the ADON bit to enable the A/D converter and to start the conversion. From
this time on, the ADC performs a continuous conversion of the selected channel.
When a conversion is complete:
the EOC bit is set by hardware.
the result is in the ADCDR registers.
A read to the ADCDRH resets the EOC bit.
To read the 10 bits, perform the following steps:
1.
Poll EOC bit
2.
Read ADCDRL
3.
Read ADCDRH. This clears EOC automatically.
To read only 8 bits, perform the following steps:
1.
Poll EOC bit
2.
Read ADCDRH. This clears EOC automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com