Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F1B6 Datasheet(PDF) 129 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 125Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 126Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 127Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 128Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 129Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 130Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 131Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 132Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Electrical characteristics
Doc ID 8349 Rev 5
129/166
13.5.1
Crystal and ceramic resonator oscillators
The ST7 internal clock can be supplied with eight different Crystal/Ceramic resonator
oscillators. All the information given in this paragraph are based on characterization results
with specified typical external components. In the application, the resonator and the load
capacitors have to be placed as close as possible to the oscillator pins in order to minimize
output distortion and start-up stabilization time. Refer to the crystal/ceramic resonator
manufacturer for more details (frequency, package, accuracy...).
Table 72.
Resonator performances
Table 70.
Auto Wakeup from Halt Oscillator (AWU)
Symbol
Parameter(1)
1.
Guaranteed by design.
Conditions
Min
Typ
Max
Unit
fAWU
AWU Oscillator Frequency
−
50
125
250
kHz
tRCSRT
AWU Oscillator startup time
−−
−
50
µs
Table 71.
Resonator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCrOSC
Crystal Oscillator Frequency(1)
1.
When PLL is used, please refer to the Section 13.3.4: Internal RC oscillator and PLL and Section 7:
Supply, reset and clock management (fCrOSC min. is 8 Mhz with PLL).
−
2
−
16
MHz
CL1
CL2
Recommended load capacitance
versus equivalent serial
resistance of the crystal or
ceramic resonator (RS)
−
See Table 72:
Resonator
performances
pF
Supplier
fCrOSC
[MHz]
Typical ceramic
resonators(1)
1.
Resonator characteristics given by the ceramic resonator manufacturer. For more information on these
resonators, please consult www.murata.com
CL1(2)
[pF]
2.
() means load capacitor built in resonator.
CL2(2)
[pF]
Rd
[
Ω]
Supply
voltage
range [V]
Temperature
range [°C]
Type
(3)
3.
SMD = -R0: Plastic tape package (
∅=180mm).
LEAD = -B0: Bulk
Reference
2
SMD
CSTCC2M00G56-R0
(47)
(47)
0
2.4V to 5.5V
-40 to 85
4
SMD
CSTCR4M00G53-R0
(15)
(15)
0
LEAD CSTLS4M00G53-B0
(15)
(15)
0
8
SMD
CSTCE8M00G52-R0
(10)
(10)
0
LEAD CSTLS8M00G53-B0
(15)
(15)
0
16
SMD
CSTCE16M0V51-R0
(5)
(5)
0
3.3V to 5.5V
LEAD CSTLS16M0X53-B0
(15)
(15)
0
4.5V to 5.5V
LEAD CSALS16M0X55-B0
7
7
1.5k 3.8V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com