Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F1B6 Datasheet(PDF) 126 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 122Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 123Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 124Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 125Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 126Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 127Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 128Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 129Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 166 page
background image
Electrical characteristics
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
126/166
Doc ID 8349 Rev 5
Note:
TA = -40 to 85°C, unless otherwise specified.
13.4
Supply current characteristics
The following current consumption specified for the ST7 functional operating modes over
temperature range does not take into account the clock source current consumption. To get
the total device consumption, the two current values must be added (except for HALT mode
for which the clock is stopped).
Note:
TA = -40 to +85°C unless otherwise specified, VDD=5.5V.
Table 66.
32MHz PLL
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Voltage (1)
1.
32 MHz is guaranteed within this voltage range.
4.5
5
5.5
V
fPLL32
Frequency (1)
−
32
−
MHz
fINPUT
Input Frequency
7
8
9
MHz
Table 67.
Supply Current
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD
Supply current in Run mode
External Clock, fCPU = 1MHz
(1)
1
−
mA
Internal RC, fCPU=1MHz
2.2
−
fCPU=8MHz
(1)
7.5
12
Supply current in WAIT mode
External Clock, fCPU=1MHz
(2)
0.8
−
Internal RC, fCPU=1MHz
1.8
−
fCPU = 8MHz
(2)
3.7
6
Supply current in SLOW mode
fCPU = 250kHz
(3)
1.6
2.5
Supply current in SLOW-wait mode
fCPU = 250kHz
(4)
1.6
2.5
Supply current in HALT mode(5)
-40°C
≤TA≤+85°C
1
10
μA
TA = +125°C
15
50
Supply current in AWUF mode(6)
TA = +25°C
20
30
1.
CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in
reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
2.
All I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in reset state; clock input (CLKIN)
driven by external square wave, LVD disabled.
3.
SLOW mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at VDD or VSS
(no load), all peripherals in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
4.
SLOW-WAIT mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at VDD or
VSS (no load), all peripherals in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
5.
All I/O pins in output mode with a static value at VSS (no load), LVD disabled. Data based on characterization results,
tested in production at VDD max and fCPU max.
6.
All I/O pins in input mode with a static value at VDD or VSS (no load). Data tested in production at VDD max. and fCPU
max.
This consumption refers to the Halt period only and not the associated run period which is software dependent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com