Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F1B6 Datasheet(PDF) 124 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 120Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 121Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 122Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 123Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 124Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 125Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 126Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 127Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 166 page
background image
Electrical characteristics
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
124/166
Doc ID 8349 Rev 5
Figure 53. RC Osc Freq vs VDD @ TA= 25°C (calibrated with RCCR1: 3V @ 25°C)
Figure 54. RC Osc Freq vs VDD (calibrated with RCCR0: 5V@ 25°C)
Figure 55. Typical RC oscillator Accuracy vs temperature @ VDD=5V (calibrated with
RCCR0: 5V @ 25°C)
JITPLL
PLL jitter (
ΔfCPU/fCPU)
−−
1(6)
−
%
IDD(PLL) PLL current consumption
TA=25°C
−
190(2)
−μA
1.
If the RC oscillator clock is selected, to improve clock stability and frequency accuracy, it is recommended to place a
decoupling capacitor, typically 100nF, between the VDD and VSS pins as close as possible to the ST7 device.
2.
Data based on characterization results, not tested in production.
3.
See Section 7.1: Internal RC oscillator adjustment.
4.
After the LOCKED bit is set ACCPLL is max. 10% until tSTAB has elapsed. See Figure 12: PLL output frequency timing
diagram.
5.
Averaged over a 4ms period. After the LOCKED bit is set, a period of tSTAB is required to reach ACCPLL accuracy.
6.
Guaranteed by design.
Table 65.
RC oscillator and PLL characteristics (tested for TA = -40 to +85°C) @ VDD = 2.7 to
3.3V (continued)
Symbol
Parameter
Conditions
Min
Typ
Max Unit
0.50
0.60
0.70
0.80
0.90
1.00
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
VDD (V)
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
2.5
3
3.5
4
4.5
5
5.5
6
Vdd (V)
-45°
0°
25°
90°
105°
130°
2
-1
-5
-45
025
85
-2
-4
-3
0
1
(*)
(*)
(*)
(*) tested in production
Temperature (°C)
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com