Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F1B6 Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 117Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 118Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 119Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 120Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 121Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 122Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 123Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 124Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Electrical characteristics
Doc ID 8349 Rev 5
121/166
Figure 52. fCPU maximum operating frequency versus V
DD supply voltage
13.3.2
Operating conditions with low voltage detector (LVD)
TA = -40 to 85°C, unless otherwise specified
Table 60.
General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage
fCPU = 4 MHz. max.
2.4
5.5
V
fCPU = 8 MHz. max.
3.3
5.5
fCPU
CPU clock frequency
3.3 V
≤ VDD≤ 5.5 V
up to 8
MHz
2.4 V
≤ VDD<3.3 V
up to 4
fCPU [MHz]
SUPPLY VOLTAGE [V]
8
4
2
0
2.0
2.4
3.33.5
4.04.5
5.0
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
5.5
FUNCTIONALITY
GUARANTEED
IN THIS AREA
(UNLESS OTHERWISE
STATED IN THE
TABLES OF
PARAMETRIC DATA)
2.7
Table 61.
Power on/power down operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold
(VDD rise)
High Threshold
Med. Threshold
Low Threshold
4.00(1)
3.40(1)
2.65(1)
1.
Not tested in production.
4.25
3.60
2.90
4.50
3.80
3.15
V
VIT-(LVD)
Reset generation threshold
(VDD fall)
High Threshold
Med. Threshold
Low Threshold
3.80
3.20
2.40
4.05
3.40
2.70
4.30(1)
3.65(1)
2.90(1)
Vhys
LVD voltage threshold
hysteresis
VIT+(LVD)-VIT-(LVD)
−
200
−
mV
VtPOR
VDD rise time rate
(2)
2.
Not tested in production. The VDD rise time rate condition is needed to insure a correct device power-on
and LVD reset. When the VDD slope is outside these values, the LVD may not ensure a proper reset of the
MCU.
Use of LVD with capacitive power supply: with this type of power supply, if power cuts occur in the
application, it is recommended to pull VDD down to 0 V to ensure optimum restart conditions. Refer to
circuit example in Figure 84: RESET pin protection when LVD is enabled
−
20
20000
μs/V
tg(VDD)
Filtered glitch delay on VDD
Not detected by the
LVD
−−
150
ns
IDD(LVD) LVD/AVD current consumption
−−
220
−μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com