Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F1B6 Datasheet(PDF) 120 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 116Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 117Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 118Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 119Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 120Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 121Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 122Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 123Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 166 page
background image
Electrical characteristics
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
120/166
Doc ID 8349 Rev 5
13.3
Operating conditions
13.3.1
General operating conditions
TA = -40 to +85 °C unless otherwise specified.
Table 58.
Current characteristics
Symbol
Ratings
Maximum value
Unit
IVDD
Total current into VDD power lines (source)
(1)
100
mA
IVSS
Total current out of VSS ground lines (sink)
(1)
100
IIO
Output current sunk by any standard I/O and control pin
25
Output current sunk by any high sink I/O pin
50
Output current source by any I/Os and control pin
- 25
IINJ(PIN)
(2) & (3)
Injected current on RESET pin
± 5
Injected current on OSC1 and OSC2 pins
± 5
Injected current on PB0 and PB1 pins (4)
+5
Injected current on any other pin(5)
± 5
ΣIINJ(PIN) (1)
Total injected current (sum of all I/O and control pins)(5)
± 20
1.
All power (VDD) and ground (VSS) lines must always be connected to the external supply.
2.
IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum cannot be
respected, the injection current must be limited externally to the IINJ(PIN) value. A positive injection is induced by VIN>VDD
while a negative injection is induced by VIN<VSS. For true open-drain pads, there is no positive injection current, and the
corresponding VIN maximum must always be respected.
3.
Negative injection disturbs the analog performance of the device. In particular, it induces leakage currents throughout the
device including the analog inputs. To avoid undesirable effects on the analog functions, care must be taken:
- Analog input pins must have a negative injection less than 0.8 mA (assuming that the impedance of the analog voltage is
lower than the specified limits)
- Pure digital pins must have a negative injection less than 1.6mA. In addition, it is recommended to inject the current as far
as possible from the analog input pins.
4.
No negative current injection allowed on PB0 and PB1 pins.
5.
When several inputs are submitted to a current injection, the maximum
ΣIINJ(PIN) is the absolute sum of the positive and
negative injected currents (instantaneous values). These results are based on characterization with
ΣIINJ(PIN) maximum
current injection on four I/O port pins of the device.
Table 59.
Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to +150
°C
TJ
Maximum junction temperature(1)
−−
1.
(seeTable 90: Thermal characteristics)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com