Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F1B6 Datasheet(PDF) 119 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 115Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 116Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 117Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 118Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 119Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 120Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 121Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 122Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Electrical characteristics
Doc ID 8349 Rev 5
119/166
13.1.5
Pin input voltage
The input voltage measurement on a pin of the device is described in Figure 51.
Figure 51. Pin input voltage
13.2
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
VIN
ST7 PIN
Table 57.
Voltage characteristics
Symbol
Ratings
Maximum value
Unit
VDD - VSS
Supply voltage
7.0
V
VIN
Input voltage on any pin (1)
V
SS- 0.3 to VDD+ 0.3
VESD(HBM)
Electrostatic discharge voltage (Human Body Model)
see Section 13.7.3:
Absolute maximum
ratings (Electrical
sensitivity)
V
1.
Directly connecting the I/O pins to VDD or VSS could damage the device if an unexpected change of the I/O configuration
occurs (for example, due to a corrupted program counter). To guarantee safe operation, this connection has to be done
through a pull-up or pull-down resistor (typical: 10 k
Ω for I/Os). Unused I/O pins must be tied in the same way to VDD or VSS
according to their reset configuration.
IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum cannot be
respected, the injection current must be limited externally to the IINJ(PIN) value. A positive injection is induced by VIN>VDD
while a negative injection is induced by VIN<VSS. For true open-drain pads, there is no positive injection current, and the
corresponding VIN maximum must always be respected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com