Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F1B6 Datasheet(PDF) 135 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 131Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 132Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 133Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 134Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 135Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 136Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 137Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 138Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Electrical characteristics
Doc ID 8349 Rev 5
135/166
Figure 69. Typical VOL at VDD = 2.4V (standard)
Table 81.
Output driving current(1)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(2)
Output low level voltage for a standard I/O
pin when 8 pins are sunk at same time
(see Figure 72)
IIO=+5mA
TA≤85°C
TA≥85°C
1.0
1.2
V
IIO=+2mA
TA≤85°C
TA≥85°C
0.4
0.5
Output low level voltage for a high sink I/O
pin when 4 pins are sunk at same time
(see Figure 74)
IIO=+20mA
TA≤85°C
TA≥85°C
1.3
1.5
IIO=+8mA
TA≤85°C
TA≥85°C
0.75
0.85
VOH
(3)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 80)
IIO=-5mA
TA≤85°C
TA≥85°C
VDD-1.5
VDD-1.6
IIO=-2mA
TA≤85°C
TA≥85°C
VDD-0.8
VDD-1.0
VOL
(2)(4)
Output low level voltage for a standard I/O
pin when 8 pins are sunk at same time
(see Figure 71)
IIO=+2mA
TA≤85°C
TA≥85°C
0.5
0.6
Output low level voltage for a high sink I/O
pin when 4 pins are sunk at same time
IIO=+8mA
TA≤85°C
TA≥85°C
0.5
0.6
VOH
(3)(4)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
IIO=-2mA
TA≤85°C
TA≥85°C
VDD-0.8
VDD-1.0
VOL
(2)(4)
Output low level voltage for a standard I/O
pin when 8 pins are sunk at same time
(see Figure 69)
IIO=+2mA
TA≤85°C
TA≥85°C
0.6
0.7
Output low level voltage for a high sink I/O
pin when 4 pins are sunk at same time
IIO=+8mA
TA≤85°C
TA≥85°C
0.6
0.7
VOH
(3)(4)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 77)
IIO=-2mA
TA≤85°C
TA≥85°C
VDD-0.9
VDD-1.0
1.
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
2.
The IIO current sunk must always respect the absolute maximum rating specified in Table 58: Current characteristics and
the sum of IIO (I/O ports and control pins) must not exceed IVSS.
3.
The IIO current sourced must always respect the absolute maximum rating specified in Table 58: Current characteristics
and the sum of IIO (I/O ports and control pins) must not exceed IVDD.
4.
Not tested in production, based on characterization results.
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.01
1
2
lio (mA)
-45
0°C
25°C
90°C
130°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com