Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F1B6 Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 135Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 136Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 137Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 138Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 139Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 140Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 141Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 142Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Electrical characteristics
Doc ID 8349 Rev 5
139/166
Figure 82. Typical VOL vs. VDD (high-sink I/Os)
Figure 83. Typical VDD-VOH vs. VDD
13.9
Control pin characteristics
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
2.4
3
5
VDD (V)
-45
0°C
25°C
90°C
130°C
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
2.4
3
5
VDD (V)
-45
0°C
25°C
90°C
130°C
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
2.4
2.7
3
4
5
VDD (V)
-45°C
0°C
25°C
90°C
130°C
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
45
VDD
-45°C
0°C
25°C
90°C
130°C
Table 82.
Asynchronous RESET Pin(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
−
VSS -
0.3
−
0.3xVDD
V
VIH
Input high level voltage
−
0.7xVD
D
−
VDD +
0.3
Vhys
Schmitt trigger voltage hysteresis(2)
−−
2
−
V
VOL
Output low level voltage(3)
VDD=5V
IIO=+5mA TA≤85°C
TA≥85°C
−
0.5
1.0
1.2
V
IIO=+2mA TA≤85°C
TA≥85°C
−
0.2
0.4
0.5
RON
Pull-up equivalent resistor(2)(4)
VDD=5V
20
40
80
k
Ω
VDD=3V
40
70
120
tw(RSTL)out Generated reset pulse duration
Internal reset sources
−
30
−μs
th(RSTL)in External reset pulse hold time
(5)
−
20
−−
μs
tg(RSTL)in Filtered glitch duration
−−
200
−
ns
1.
TA = -40°C to 85°C, unless otherwise specified.
2.
Data based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com