Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB100SN4 Datasheet(PDF) 49 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB100SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB100SN4 Datasheet(HTML) 49 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB100SN4 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
60
s Impedance-Frequency Characteristics
Continued on the following page.
s Impedance-Frequency Characteristics (Main Items)
BLM15BA Series
BLM15BB Series
BLM15BC Series
BLM15BD Series
BLM15BD750SN1
BLM15BD121SN1
BLM15BD221SN1
BLM15BD471SN1
BLM15BD601SN1
BLM15BD102SN1
BLM Series
Signal Lines Type Chip Ferrite Bead
BLM15B Series (0402 Size)
BLM15B
1
10
100
1000
3000
Frequency (MHz)
0
150
100
50
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
250
200
150
100
50
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
100
200
300
400
Z
R
X
Frequency (MHz)
1
10
100
1000
3000
0
1000
2000
3000
4000
5000
BLM15BA330SN1
BLM15BA470SN1
BLM15BA750SN1
BLM15BA220SN1
BLM15BA100SN1
BLM15BA050SN1
Frequency (MHz)
1
10
100
1000
3000
900
600
300
0
BLM15BB221SN1
BLM15BB750SN1
BLM15BB470SN1
BLM15BB220SN1
BLM15BB100SN1
BLM15BB050SN1
BLM15BB121SN1
Frequency (MHz)
1
10
100
1000
3000
0
1000
2000
3000
4000
BLM15BC241SN1
BLM15BC121SN1
Frequency (MHz)
1
10
100
1000
3000
2000
1500
1000
500
0
BLM15BD182SN1
BLM15BD102SN1
BLM15BD601SN1
BLM15BD471SN1
BLM15BD221SN1
BLM15BD121SN1
BLM15BD750SN1
1
10
100
1000
3000
Frequency (MHz)
1000
900
800
700
600
500
400
300
200
100
0
Z
R
X
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
1000
800
600
400
200
0
1
10
100
1000
3000
Frequency (MHz)
1500
1000
500
0
Z
R
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com