Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB100SN4 Datasheet(PDF) 27 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB100SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB100SN4 Datasheet(HTML) 27 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB100SN4 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
38
1206 size for power lines.
BLM31PSeries (1206 Size)
BLM Series
Power Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
s Notice (Rating)
Continued on the following page.
Refer to pages from p.91 to p.94 for mounting information.
BLM31P
*Please refer to the products which are designed for both power lines and signal lines.
Code
Packaging
Minimum
Quantity
L
180mm Reel Embossed Tape
3000
K
330mm Reel Embossed Tape
10000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM31PG330SN1p
33ohm
±25%
6000mA
0.01ohm max.
-55
°C to +125°C
BLM31PG500SN1p
50ohm(Typ.)
3000mA
0.025ohm max.
-55
°C to +125°C
BLM31PG121SN1p
120ohm
±25%
3000mA
0.025ohm max.
-55
°C to +125°C
BLM31PG391SN1p
390ohm
±25%
2000mA
0.05ohm max.
-55
°C to +125°C
BLM31PG601SN1p
600ohm
±25%
1500mA
0.09ohm max.
-55
°C to +125°C
Number of Circuits: 1
3.2
±0.2
1.6
±0.2
0.7
±0.3
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
0
200
400
600
800
BLM31PG391SN1
BLM31PG500SN1
BLM31PG330SN1
BLM31PG121SN1
BLM31PG601SN1
In operating temperature exceeding +85
°C,
derating of current is necessary for
BLM31PG series.
Please apply the derating curve shown in
chart according to the operating
temperature.
Derating
Operating Temperature [
°C]
85
125
0
1
2
3
1.5
4
5
6
(Resistance element becomes dominant
at high frequencies.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com