Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB100SN4 Datasheet(PDF) 35 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB100SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB100SN4 Datasheet(HTML) 35 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB100SN4 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
46
Ultra small 01005 size for general signal lines.
BLM02ASeries (01005 Size)
BLM Series
Signal Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
s Impedance-Frequency Characteristics
BLM02AG100SN1
BLM02AG700SN1
BLM02AG121SN1
Refer to pages from p.91 to p.94 for mounting information.
BLM02A
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
20000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM02AG100SN1p
10ohm(Typ.)
500mA
0.1ohm max.
-55
°C to +125°C
BLM02AG700SN1p
70ohm
±25%
250mA
0.5ohm max.
-55
°C to +125°C
BLM02AG121SN1p
120ohm
±25%
200mA
0.8ohm max.
-55
°C to +125°C
Number of Circuits: 1
0.4
±0.02
0.2
±0.02
0.10+0.04/–0.03
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
0
50
100
150
200
250
BLM02AG100SN1
BLM02AG700SN1
BLM02AG121SN1
1
10
100
1000
3000
Frequency (MHz)
0
5
10
15
20
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
50
100
150
200
1
10
100
1000
3000
Frequency (MHz)
0
50
100
150
200
250
Z
R
X
(Resistance element becomes dominant
at high frequencies.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com