Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB100SN4 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB100SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB100SN4 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  BLA2ABB100SN4 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
14
Frequency (MHz)
1600
1400
1200
1000
800
600
400
200
0
1
10
100
1000
10000
BLp
•Line Up Classification of
Chip Ferrite Bead
BLM18Gp
BLM15Gp
BLM18Hp
BLM15Hp
BLM18Ep
BLM15Ep
High-GHz Band
High
GHz Band
Noise
Frequency Band
Low
BLM_G Series
BLM_H Series
BLM_E Series
BLM standard line up
•RK(for digital interfaces)
•AG (for general signal lines)
•Bp (for high speed signal lines)
BLM_P Series (for Power Lines)
•Large current available up to 6A
•AX(for general signal lines / power lines)
Small
Large
Rated Current
(Less than 1A)
(1A and more)
Meet High-GHz
Band Noise
•Example of Chip Ferrite Bead BLM Series Structure
Inner Electrode
Outer Electrode
Ferrite Sheet
Through Hole
Equivalent Circuit
Cross Section
Series Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com