Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB100SN4 Datasheet(PDF) 23 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB100SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB100SN4 Datasheet(HTML) 23 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB100SN4 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
34
0603 size for power lines.
BLM18PSeries (0603 Size)
BLM Series
Power Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
s Notice (Rating)
Continued on the following page.
Refer to pages from p.91 to p.94 for mounting information.
BLM18P
*Please refer to the products which are designed for both power lines and signal lines.
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
4000
J
330mm Reel Paper Tape
10000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM18PG300SN1p
30ohm(Typ.)
1000mA
0.05ohm max.
-55
°C to +125°C
BLM18PG330SN1p
33ohm
±25%
3000mA
0.025ohm max.
-55
°C to +125°C
BLM18PG600SN1p
60ohm(Typ.)
500mA
0.10ohm max.
-55
°C to +125°C
BLM18PG121SN1p
120ohm
±25%
2000mA
0.05ohm max.
-55
°C to +125°C
BLM18PG181SN1p
180ohm
±25%
1500mA
0.09ohm max.
-55
°C to +125°C
BLM18PG221SN1p
220ohm
±25%
1400mA
0.10ohm max.
-55
°C to +125°C
BLM18PG331SN1p
330ohm
±25%
1200mA
0.15ohm max.
-55
°C to +125°C
BLM18PG471SN1p
470ohm
±25%
1000mA
0.20ohm max.
-55
°C to +125°C
Number of Circuits: 1
0.4
±0.2
1.6
±0.15
0.8
±0.15
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
600
450
300
150
0
BLM18PG471SN1
BLM18PG331SN1
BLM18PG221SN1
BLM18PG181SN1
BLM18PG121SN1
BLM18PG600SN1
BLM18PG330SN1
BLM18PG300SN1
In operating temperature exceeding +85
°C,
derating of current is necessary for
BLM18PG series.
Please apply the derating curve shown in
chart according to the operating
temperature.
Derating
Operating Temperature [
°C]
85
125
0
1
1.2
1.4
2
3
1.5
(Resistance element becomes dominant
at high frequencies.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com