Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB100SN4 Datasheet(PDF) 75 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB100SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB100SN4 Datasheet(HTML) 75 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB100SN4 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
86
s Impedance-Frequency Characteristics
Continued on the following page.
s Impedance-Frequency Characteristics (Main Items)
BLA2AAG121SN4
BLA2AAG221SN4
BLA2AAG601SN4
BLA2AAG102SN4
BLA2ABB Series
BLA2ABD471SN4
BLA2ABD601SN4
BLA2ABD750SN4
BLA2ABD121SN4
BLA2ABD221SN4
BLA Series
Signal Lines Type Chip Ferrite Bead
BLA2AA/BLA2AB Series (0804 Size)
BLA2AA/BLA2AB
1
10
100
1000
3000
Frequency (MHz)
200
160
120
80
40
0
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
400
300
200
100
0
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
1000
800
600
400
200
0
Z
X
R
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
1250
750
1000
500
250
0
Frequency (MHz)
1
10
100
1000
3000
0
200
400
600
800
1000
BLA2ABB121SN4
BLA2ABB221SN4
BLA2ABB220SN4
BLA2ABB100SN4
BLA2ABB470SN4
1
10
100
1000
3000
Frequency (MHz)
0
200
400
600
800
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
200
400
600
800
1000
Z
X
R
1
10
100
1000
3000
Frequency (MHz)
0
50
100
150
200
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
60
120
180
240
300
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
100
200
300
400
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com