Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH9016R0PN Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH9016R0PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH9016R0PN Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH9016R0PN Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
153
Part Numbering
(Part Number)
PL p CommonModeChokeCoils
eApplications
qProduct ID
PL
Common Mode Choke Coils
Product ID
wType
T
DC Type
Code
Type
10H
for DC Line High-frequency Type
Code
Applications
tImpedance
H
for Automotive
Code
Features
oPackaging
B
L
K
PLT10H
PLT10H
PLT10H
Bulk
Embossed Taping (ø178mm/ø180mm Reel)
Embossed Taping (ø330mm Reel)
Code
Packaging
Series
N
No Lead Terminal (SMD)
Aligned Winding Type
Code
Lead Dimensions
iLead Dimensions
rFeatures
yRated Current
Expressed by three figures. The unit is ampere (A). The first and
second figures are significant digits, and the third figure
expresses the number of zeros which follow the two figures.
A decimal point is expressed by the capital letter "R". In this case,
all figures are significant digits.
Expressed by three figures. The unit is ohm (
Ω). The first and
second figures are significant digits, and the third figure
expresses the number of zeros which follow the two figures.
uWinding Mode
P
Code
Winding Mode
t
102
r
H
y
6R0
q
PL
e
10H
w
T
u
P
i
N
o
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com