Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH9016R0PN Datasheet(PDF) 25 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH9016R0PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH9016R0PN Datasheet(HTML) 25 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH9016R0PN Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
172
1206 size wire-wound common mode choke coil.
DLW31SSeries (1206 Size)
DLW Series
Signal Lines Type Chip Common Mode Choke Coil
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics
s Rated Value (p: packaging code)
Refer to pages from p.176 to p.179 for mounting information.
DLW31S
Code
Packaging
Minimum
Quantity
L
180mm Reel Embossed Tape
2000
B
Bulk(Bag)
500
Operating Temperature Range: -40
°C to +85°C Number of Circuit: 1
HD: for high speed differential signal lines
UD: for ultra high speed differential signal lines
Part Number
Common Mode Impedance
(at 100MHz/20
°C)
Rated Current Rated Voltage
Insulation
Resistance
(min.)
Withstand Voltage DC Resistance
DLW31SN900SQ2p
90ohm
±25%
370mA
50Vdc
10M ohm
125Vdc
0.3ohm max.
DLW31SN161SQ2p
160ohm
±25%
340mA
50Vdc
10M ohm
125Vdc
0.4ohm max.
DLW31SN261SQ2p
260ohm
±25%
310mA
50Vdc
10M ohm
125Vdc
0.5ohm max.
DLW31SN601SQ2p
600ohm
±25%
260mA
50Vdc
10M ohm
125Vdc
0.8ohm max.
DLW31SN102SQ2p
1000ohm
±25%
230mA
50Vdc
10M ohm
125Vdc
1.0ohm max.
DLW31SN222SQ2p
2200ohm
±25%
200mA
50Vdc
10M ohm
125Vdc
1.2ohm max.
3.2
±0.2
1.6
±0.2
(0.6)
(0.6)
(1)
(2)
(3)
(4)
(in mm)
: Electrode
Frequency (MHz)
10000
1000
100
10
1
0.1
1
10
100
1000
DLW31SN222SQ2
DLW31SN102SQ2
DLW31SN601SQ2
DLW31SN261SQ2
DLW31SN161SQ2
DLW31SN900SQ2
DLW31SN222SQ2
DLW31SN102SQ2
DLW31SN601SQ2
DLW31SN261SQ2
DLW31SN161SQ2
DLW31SN900SQ2
Common mode
Differential mode
(1)
(4)
(2)
(3)
No polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com