Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH9016R0PN Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH9016R0PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH9016R0PN Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  PLT10HH9016R0PN Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
151
20
25
30
35
40
45
50
55
60
1000
1500
2000
2500
3000
3500
4000
4500
5000
Frequency (MHz)
20
25
30
35
40
45
50
55
60
1000
1500
2000
2500
3000
3500
4000
4500
5000
Frequency (MHz)
DLW21SN900HQ2
DLP11SA900HL2
Noise
Suppression
Example
Skew Improve Effect of Common Mode Choke Coil
Example of Skew Improvement by Common Mode Choke Coil
(Test using pulse generator waveform)
Waveform is equivalent to 1000Mbps signal
Waveform with intentionally made skew (skew: 100ps)
Skew is improved by common mode choke coil
Mechanism of Skew Improvement
Waveform rises (or falls)
Current change generates
magnetic flux on a ferrite core
Electromotive force is
generated on another line
This electromotive force works to
decrease the delay of waveform
Noise Suppression of Common Mode Choke Coil in HDMI Line
Device under test / Transmitter : game machine Receiver : projector
Cable / HDMI categoly2 3m cable
Test resolution / 1080p Deep color 12bit (Data 1.11GHz) DVD play mode
Without filter
Without filter
Test Example of HDMI1.3
Waveform Transmission
~Using ESD protection device 0.05pF~
Signal frequency : 1.11GHz (Deep color 12bit)
CLOCK
DATA
Transition Time
Rise time: 83.4ps
Fall time: 77.4ps
Rise time: 90.4ps
Fall time: 85.5ps
Rise time: 100ps
Fall time: 97.4ps
Video signal generator
common mode choke coil
ESD protection device 0.05pF
ESD protection device only
Film Type DLP11SN900HL2
(Cut-off frequency is most low in the table below)
Cut-off Frequency
Judge
Wound Type
DLW21SN900HQ2
Film Type
DLP11SA900HL2
Film Type Array
DLP2ADN900HL4
Over 10GHz
Around 6GHz
Around 4GHz
Specification satisfied
Specification satisfied
Specification satisfied
Specification
satisfied
Each of common mode choke coil can keep waveform, satisfy the specification.
DLP/DLW Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com