Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH9016R0PN Datasheet(PDF) 35 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH9016R0PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH9016R0PN Datasheet(HTML) 35 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH9016R0PN Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
182
Chip Common Mode Choke Coil
DLp
Minimum Quantity and Dimensions of 8mm Width Paper / Embossed Tape
Part Number
Cavity Size
Minimum Qty. (pcs.)
DLM11G
DLM2HG
DLP0NS
DLP11S
DLP11T
DLP1ND
DLP2AD
DLP31D/31S
DLW21S
DLW21H
DLW31S
ø1.5
Direction of Feed
c
∗1 4.0±0.1
2.0
±0.05
4.0
±0.1
c
c: Depth of Cavity
(Embossed Tape)
c: Total Thickness of Tape
(Paper Tape)
Dimension of the cavity of embossed tape is measured at the bottom side.
Dimension of the cavity is measured at the bottom side.
d
<Embossed>
b
+0.1
-0
ø180mm Reel
Paper Tape
Embossed Tape
Paper Tape
Embossed Tape
d
c
b
a
ø330mm Reel
Bulk
1.45
2.75
0.95
1.4
1.35
1.7
2.2
3.5
2.25
2.3
3.6
1.2
2.25
0.75
1.2
1.1
0.84
1.2
1.9
1.45
1.55
2.0
0.8 max.
1.3
0.55
0.98
0.45
0.57
0.98
1.3
1.4
1.1
2.1
-
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.3
0.25
0.3
-
3000
5000
3000
5000
5000
3000
3000
2000
3000
2000
-
-
-
-
-
-
-
-
-
-
-
1000
1000
500
500
500
500
500
500
500
500
500
10000
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
∗1 DLM11G: 2.0±0.05
<Paper>
(in mm)
(in mm)
c: Depth of Cavity
c
8.0
±0.1
2.0
±0.05
4.0
±0.1
0.4
b
ø1.5
+0.1
-0
Direction of feed
DLW5AH
DLW5BS
DLW5BT
Part Number
Cavity Size
Minimum Qty. (pcs.)
5.4
5.5
5.5
4.1
5.4
5.4
4.4
4.7
2.7
400
400
700
1500
1500
2500
ø180mm Reel
c
b
a
ø330mm Reel
100
100
100
Bulk
Packaging
Minimum Quantity and Dimensions of 12mm Width Embossed Tape
"Minimum Quantity" means the number of units of each delivery or order. The quantity should be an integral multiple of the "Minimum Quantity".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com