Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH9016R0PN Datasheet(PDF) 19 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH9016R0PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH9016R0PN Datasheet(HTML) 19 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH9016R0PN Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
166
2 circuit built-in, 0804 size, HDMI adapted type available, cut-off frequency 6GHz max.
DLP2ADSeries (0804 Size)
DLP Series
Signal Lines Type Chip Common Mode Choke Coil
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Refer to pages from p.176 to p.179 for mounting information.
DLP2AD
DLP2ADN Series
DLP2ADA Series
Continued on the following page.
Code
Packaging
Minimum
Quantity
L
180mm Reel Embossed Tape
3000
B
Bulk(Bag)
500
Operating Temperature Range: -40
°C to +85°C Number of Circuit: 2
HD: for high speed differential signal lines
UD: for ultra high speed differential signal lines
Part Number
Common Mode Impedance
(at 100MHz/20
°C)
Rated
Current
Rated
Voltage
Insulation
Resistance
(min.)
Withstand
Voltage
DC Resistance
DLP2ADA350HL4p
35ohm
±20%
150mA
5Vdc
100M ohm
12.5Vdc
0.8ohm
±25%
DLP2ADA670HL4p
67ohm
±20%
130mA
5Vdc
100M ohm
12.5Vdc
1.0ohm
±25%
DLP2ADA900HL4p
90ohm
±20%
120mA
5Vdc
100M ohm
12.5Vdc
1.4ohm
±25%
DLP2ADN670HL4p
67ohm
±20%
140mA
5Vdc
100M ohm
12.5Vdc
1.3ohm
±25%
DLP2ADN900HL4p
90ohm
±20%
130mA
5Vdc
100M ohm
12.5Vdc
1.7ohm
±25%
DLP2ADN121HL4p
120ohm
±20%
120mA
5Vdc
100M ohm
12.5Vdc
2.0ohm
±25%
DLP2ADN161HL4p
160ohm
±20%
100mA
5Vdc
100M ohm
12.5Vdc
2.5ohm
±25%
DLP2ADN201HL4p
200ohm
±20%
90mA
5Vdc
100M ohm
12.5Vdc
3.2ohm
±25%
DLP2ADN241HL4p
240ohm
±20%
80mA
5Vdc
100M ohm
12.5Vdc
3.8ohm
±25%
DLP2ADN281HL4p
280ohm
±20%
80mA
5Vdc
100M ohm
12.5Vdc
4.6ohm
±25%
0.25
±0.1
0.5
±0.1
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
2.0
±0.1
(in mm)
: Electrode
Frequency (MHz)
1000
100
10
1
1
10
100
1000
10000
DLP2ADA900HL4
Common Mode
Differential Mode
DLP2ADA900HL4
DLP2ADA670HL4
DLP2ADA350HL4
DLP2ADA670HL4
DLP2ADA350HL4
Frequency (MHz)
1
10
100
1000
10000
1
10
100
1000
10000
DLP2ADN281HL4
DLP2ADN281HL4
Differential mode
Common mode
DLP2ADN241HL4
DLP2ADN201HL4
DLP2ADN161HL4
DLP2ADN121HL4
DLP2ADN900HL4
DLP2ADN670HL4
DLP2ADN241HL4
DLP2ADN201HL4
DLP2ADN161HL4
DLP2ADN121HL4
DLP2ADN900HL4
DLP2ADN670HL4
(1)
(5)
(6)
(7)
(8)
(2)
(3)
(4)
No polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com