Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH9016R0PN Datasheet(PDF) 23 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH9016R0PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH9016R0PN Datasheet(HTML) 23 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH9016R0PN Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. PLT10HH9016R0PN Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
170
s Impedance-Frequency Characteristics (Main Items)
s Differential Mode Transmission Characteristics (Typ.)
DLW21SR_HQ2 Series
DLW21SN_HQ2 Series
DLW Series
Signal Lines Type Chip Common Mode Choke Coil
DLW21S Series (0805 Size)
DLW21S
Frequency (MHz)
1
10
100
1000
0.1
1
10
100
1000
Common mode
Differential mode
DLW21SR670HQ2
DLW21SR670HQ2
Frequency (MHz)
0
2
4
6
8
10
1
10
100
1000
10000
DLW21SN900HQ2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com