Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP621 Datasheet(PDF) 4 Page - Analog Devices

Part # ADMP621
Description  Wide Dynamic Range Microphone with PDM Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP621 Datasheet(HTML) 4 Page - Analog Devices

  ADMP621 Datasheet HTML 1Page - Analog Devices ADMP621 Datasheet HTML 2Page - Analog Devices ADMP621 Datasheet HTML 3Page - Analog Devices ADMP621 Datasheet HTML 4Page - Analog Devices ADMP621 Datasheet HTML 5Page - Analog Devices ADMP621 Datasheet HTML 6Page - Analog Devices ADMP621 Datasheet HTML 7Page - Analog Devices ADMP621 Datasheet HTML 8Page - Analog Devices ADMP621 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADMP621
Data Sheet
TIMING CHARACTERISTICS
Table 2.
Parameter
Description
Min
Typ
Max
Unit
SLEEP MODE
Sleep Time
Time from CLK falling < 1 kHz
1
ms
Wake-Up Time
Time from CLK rising > 1 kHz to output within 3 dB of final sensitivity, power on
25
ms
INPUT
tCLKIN
Input clock period
270
1000
ns
Clock Frequency (CLK)
1.0
3.0721
3.6
MHz
Clock Duty Ratio
40
60
%
OUTPUT
t1OUTEN
DATA1 (right) driven after falling clock edge
31
ns
t1OUTDIS
DATA1 (right) disabled after rising clock edge
5
23
ns
t2OUTEN
DATA2 (left) driven after rising clock edge
31
ns
t2OUTDIS
DATA2 (left) disabled after falling clock edge
5
26
ns
1
The microphone operates at any clock frequency between 1.0 MHz and 3.6 MHz. Some specifications may not be guaranteed at frequencies other than 3.072 MHz.
Timing Diagram
tCLKIN
CLK
DATA2
DATA1
t2OUTDIS
t1OUTDIS
t2OUTEN
t1OUTEN
Figure 3. Pulse Density Modulated Output Timing
Rev. 0 | Page 4 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com