Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP621 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMP621
Description  Wide Dynamic Range Microphone with PDM Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP621 Datasheet(HTML) 3 Page - Analog Devices

  ADMP621 Datasheet HTML 1Page - Analog Devices ADMP621 Datasheet HTML 2Page - Analog Devices ADMP621 Datasheet HTML 3Page - Analog Devices ADMP621 Datasheet HTML 4Page - Analog Devices ADMP621 Datasheet HTML 5Page - Analog Devices ADMP621 Datasheet HTML 6Page - Analog Devices ADMP621 Datasheet HTML 7Page - Analog Devices ADMP621 Datasheet HTML 8Page - Analog Devices ADMP621 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADMP621
SPECIFICATIONS
TA = 25°C, VDD = 1.8 V, CLK = 3.072 MHz, CLOAD = 30 pF, unless otherwise noted. All minimum and maximum specifications are
guaranteed. Typical specifications are not guaranteed.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
PERFORMANCE
Directionality
Omni
Output Polarity
Input acoustic pressure vs. output data
Inverted
Sensitivity1, 2
1 kHz, 94 dB SPL
−48
−46
−44
dBFS
Signal-to-Noise Ratio (SNR)
20 Hz to 20 kHz, A-weighted
65
dBA
Equivalent Input Noise (EIN)
20 Hz to 20 kHz, A-weighted
29
dBA SPL
Acoustic Dynamic Range
Derived from EIN and acoustic overload point
104
dB
Digital Dynamic Range
Derived from EIN and full-scale acoustic level
111
dB
Frequency Response3
Low frequency −3 dB point
45
Hz
High frequency −3 dB point
>20
kHz
Total Harmonic Distortion (THD)
105 dB SPL
0.35
1
%
Power Supply Rejection (PSR)
217 Hz, 100 mV p-p square wave superimposed
on VDD = 1.8 V, A-weighted
−100
dBFS
Power Supply Rejection—Swept Sine
1 kHz sine wave
−113
dB
Acoustic Overload Point
10% THD
133
dB SPL
Full-Scale Acoustic Level
0 dBFS output
140
dB SPL
POWER SUPPLY
Supply Voltage (VDD)
1.62
3.63
V
Supply Current (IS)
Normal Mode
VDD = 1.8 V
1.2
1.5
mA
VDD = 3.3 V
1.3
1.6
mA
Sleep Mode4
VDD = 1.8 V
5.5
µA
VDD = 3.3 V
8
µA
DIGITAL INPUT/OUTPUT CHARACTERISTICS
Input Voltage High (VIH)
0.65 × VDD
V
Input Voltage Low (VIL)
0.35 × VDD
V
Output Voltage High (VOH)
ILOAD = 0.5 mA
0.7 × VDD
VDD
V
Output Voltage Low (VOL)
ILOAD = 0.5 mA
0
0.3 × VDD
V
Output DC Offset
Percent of full scale
3
%
Latency
<30
µs
Noise Floor
20 Hz to 20 kHz, A-weighted
−111
dBFS
1
Sensitivity is relative to the rms level of a sine wave with positive amplitude equal to 100% 1s density and negative amplitude equal to 0% 1s density.
2
The ±2 dB sensitivity specification is valid for CLK = 3.072 MHz. At lower clock frequencies, the minimum and maximum specifications are −49 dBFS and −43 dBFS,
respectively.
3
See Figure 6 and Figure 7.
4
The microphone enters sleep mode when the clock frequency is less than 1 kHz.
Rev. 0 | Page 3 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com