Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP621 Datasheet(PDF) 11 Page - Analog Devices

Part # ADMP621
Description  Wide Dynamic Range Microphone with PDM Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP621 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMP621 Datasheet HTML 7Page - Analog Devices ADMP621 Datasheet HTML 8Page - Analog Devices ADMP621 Datasheet HTML 9Page - Analog Devices ADMP621 Datasheet HTML 10Page - Analog Devices ADMP621 Datasheet HTML 11Page - Analog Devices ADMP621 Datasheet HTML 12Page - Analog Devices ADMP621 Datasheet HTML 13Page - Analog Devices ADMP621 Datasheet HTML 14Page - Analog Devices ADMP621 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADMP621
APPLICATIONS INFORMATION
INTERFACING WITH ANALOG DEVICES CODECS
The PDM output of the ADMP621 interfaces directly with
the digital microphone inputs on the Analog Devices ADAU1361,
ADAU1761, ADAU1781, and ADAU1772 codecs. See the
connection diagram shown in Figure 18, and refer to the
AN-1003 Application Note and the respective data sheets of
the codecs for more details on the digital microphone interface.
The CN-0078 Circuit Note describes the connection between these
codecs and a digital microphone. All hardware configuration
information is the same for the ADMP621 as it is for the
ADMP421.
SUPPORTING DOCUMENTS
For additional information, see the following user guide, circuit
note, and application notes.
Evaluation Board User Guides
UG-326, PDM Digital Output MEMS Microphone Evaluation
Board
Circuit Note
CN-0078, High Performance Digital MEMS Microphone Simple
Interface to a SigmaDSP Audio Codec
Application Notes
AN-1003, Recommendations for Mounting and Connecting
Analog Devices, Inc., Bottom-Ported MEMS Microphones
AN-1068, Reflow Soldering of the MEMS Microphone
AN-1112, Microphone Specifications Explained
AN-1124, Recommendations for Sealing Analog Devices, Inc.,
Bottom-Port MEMS Microphones from Dust and Liquid Ingress
AN-1140, Microphone Array Beamforming
AVDD
MICBIAS
ADAU1361
OR
ADAU1761
0.1µF
0.1µF
1.8V TO 3.3V
JACKDET/MICIN
GND
L/R SELECT
DATA
VDD
CLK
ADMP621
ADMP621
GND
L/R SELECT
DATA
VDD
CLK
BCLK/GPIO2
Figure 18. ADAU1361 or ADAU1761 Stereo Interface Block Diagram
Rev. 0 | Page 11 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com