Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP621 Datasheet(PDF) 13 Page - Analog Devices

Part # ADMP621
Description  Wide Dynamic Range Microphone with PDM Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP621 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADMP621 Datasheet HTML 8Page - Analog Devices ADMP621 Datasheet HTML 9Page - Analog Devices ADMP621 Datasheet HTML 10Page - Analog Devices ADMP621 Datasheet HTML 11Page - Analog Devices ADMP621 Datasheet HTML 12Page - Analog Devices ADMP621 Datasheet HTML 13Page - Analog Devices ADMP621 Datasheet HTML 14Page - Analog Devices ADMP621 Datasheet HTML 15Page - Analog Devices ADMP621 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADMP621
ALTERNATIVE PCB LAND PATTERNS
The standard PCB land pattern of the ADMP621 has a solid ring
around the edge of the footprint that can make routing the
microphone signals more difficult in some board designs. This
ring is used to improve the radio frequency (RF) immunity
performance of the ADMP621; however, it is not necessary to
have this full ring connected for electrical functionality. If a design
can tolerate reduced RF immunity, this ring can either be broken
or removed completely from the PCB footprint. Figure 21 shows
an example PCB land pattern with no enclosing ring around the
edge of the part, and Figure 22 shows an example PCB land
pattern with the ring broken on two sides so that the inner pads
can be more easily routed on the PCB.
Figure 21. Example PCB Land Pattern with No Enclosing Ring
Figure 22. Example PCB Land Pattern with Broken Enclosing Ring
Note that in both of these patterns, the solid ring around the sound
port is still present; this ring is needed to ground the microphone
and for acoustic performance. The pad on the package connected
to this ring is ground and still needs a solid electrical connection to
the PCB ground. If a pattern like one of these two examples is
used on a PCB, take care that the unconnected ring on the bottom
of the ADMP621 is not placed directly over any exposed copper.
This ring on the microphone is still at ground, and any PCB traces
routed underneath it must be properly masked to avoid short
circuits.
PCB MATERIAL AND THICKNESS
The performance of the ADMP621 is not affected by PCB
thickness and can be mounted on either a rigid or flexible PCB.
A flexible PCB with the microphone can be attached directly to
the device housing with an adhesive layer. This mounting method
offers a reliable seal around the sound port, while providing the
shortest acoustic path for good sound quality.
Rev. 0 | Page 13 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com