Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP621 Datasheet(PDF) 9 Page - Analog Devices

Part # ADMP621
Description  Wide Dynamic Range Microphone with PDM Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP621 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADMP621 Datasheet HTML 5Page - Analog Devices ADMP621 Datasheet HTML 6Page - Analog Devices ADMP621 Datasheet HTML 7Page - Analog Devices ADMP621 Datasheet HTML 8Page - Analog Devices ADMP621 Datasheet HTML 9Page - Analog Devices ADMP621 Datasheet HTML 10Page - Analog Devices ADMP621 Datasheet HTML 11Page - Analog Devices ADMP621 Datasheet HTML 12Page - Analog Devices ADMP621 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADMP621
DYNAMIC RANGE CONSIDERATIONS
The full-scale digital output (0 dBFS) of the ADMP621 is
mapped to an acoustic input of 140 dB SPL. The microphone
clips (THD = 10%) at 133 dB SPL (see Figure 9); however, it
continues to output an increasingly distorted signal above that
point. The peak output level, which is controlled by the modulator,
limits at about −3 dBFS (see Figure 10).
To fully use the 111 dB digital dynamic range of the output data
of the ADMP621 in a design, the digital signal processor (DSP),
analog-to-digital converter (ADC), or codec circuit following it
must be chosen carefully. The decimation filter that inputs the
PDM signal from the ADMP621 must have a dynamic range
sufficiently better than the dynamic range of the microphone
so that the overall noise performance of the system is not
degraded. If the decimation filter has a dynamic range of 10 dB
better than the microphone (121 dB), the overall system noise
only degrades by 0.4 dB.
CONNECTING PDM MICROPHONES
A PDM output microphone is typically connected to a codec with a
dedicated PDM input. This codec separately decodes the left and
right channels and filters the high sample rate modulated data back
to the audio frequency band. This codec also generates the clock for
the PDM microphones or is synchronous with the source that is
generating the clock. See the Applications Information section
for additional details on connecting the ADMP621 to Analog
Devices, Inc., audio codecs with a PDM input. Figure 15 and
Figure 16 show mono and stereo connections of the ADMP621 to
a codec. The mono connection shows an ADMP621 set to output
data on the right channel. To output on the left channel, tie the
L/R SELECT pin to VDD instead of tying it to GND.
CLOCK OUTPUT
CODEC
0.1µF
1.8V TO 3.3V
GND
L/R SELECT
DATA
ADMP621
CLK
VDD
DATA INPUT
Figure 15. Mono PDM Microphone (Right Channel) Connection to Codec
CLOCK OUTPUT
CODEC
0.1µF
1.8V TO 3.3V
GND
L/R SELECT
DATA
ADMP621
CLK
VDD
DATA INPUT
0.1µF
1.8V TO 3.3V
GND
L/R SELECT
DATA
ADMP621
CLK
VDD
Figure 16. Stereo PDM Microphone Connection to Codec
Decouple the VDD pin of the ADMP621 to GND with a 0.1 µF
capacitor. Place this capacitor as close to VDD as the printed circuit
board (PCB) layout allows.
Do not use a pull-up or pull-down resistor on the PDM data signal
line because it can pull the signal to an incorrect state during the
period that the signal line is tristated.
The DATA signal does not need to be buffered in normal use when
the ADMP621 microphone(s) is placed close to the codec on the
PCB. If the DATA signal must be driven over a long cable (>15 cm)
or other large capacitive load, a digital buffer may be required. Only
use a signal buffer on the DATA line when one microphone is in
use or after the point where two microphones are connected (see
Figure 17). The DATA output of each microphone in a stereo
configuration cannot be individually buffered because the two
buffer outputs cannot drive a single signal line. If a buffer is
used, take care to select one with low propagation delay so that
the timing of the data connected to the codec is not corrupted.
CLOCK OUTPUT
CODEC
DATA
ADMP621
ADMP621
CLK
DATA INPUT
DATA
CLK
Figure 17. Buffered Connection Between Stereo ADMP621s and a Codec
Rev. 0 | Page 9 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com