Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP621 Datasheet(PDF) 8 Page - Analog Devices

Part # ADMP621
Description  Wide Dynamic Range Microphone with PDM Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP621 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADMP621 Datasheet HTML 4Page - Analog Devices ADMP621 Datasheet HTML 5Page - Analog Devices ADMP621 Datasheet HTML 6Page - Analog Devices ADMP621 Datasheet HTML 7Page - Analog Devices ADMP621 Datasheet HTML 8Page - Analog Devices ADMP621 Datasheet HTML 9Page - Analog Devices ADMP621 Datasheet HTML 10Page - Analog Devices ADMP621 Datasheet HTML 11Page - Analog Devices ADMP621 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADMP621
Data Sheet
THEORY OF OPERATION
PDM DATA FORMAT
The output from the DATA pin of the ADMP621 is in pulse
density modulated (PDM) format. This data is the 1-bit output
of a fourth-order Σ-Δ modulator. The data is encoded so that the
left channel is clocked on the falling edge of CLK, and the right
channel is clocked on the rising edge of CLK. After driving the
DATA signal high or low in the appropriate half frame of the
CLK signal, the DATA driver of the microphone tristates. In this
way, two microphones, one set to the left channel and the other
to the right, can drive a single DATA line. See Figure 3 for a
timing diagram of the PDM data format; the DATA1 and
DATA2 lines shown in this figure are two halves of the single
physical DATA signal. Figure 12 shows a diagram of the two
stereo channels sharing a common DATA line.
DATA2 (L)
DATA2 (L)
DATA1 (R)
DATA1 (R)
CLK
DATA
Figure 12. Stereo PDM Format
If only one microphone is connected to the DATA signal, the
output is only clocked on a single edge (see Figure 13). For
example, a left channel microphone is never clocked on the rising
edge of CLK. In a single microphone application, each bit of the
DATA signal is typically held for the full CLK period until the
next transition because the leakage of the DATA line is not
enough to discharge the line while the driver is tristated.
DATA1 (R)
DATA1 (R)
DATA1 (R)
CLK
DATA
Figure 13. Mono PDM Format
See Table 6 for the channel assignments according to the logic
level on the L/R SELECT pin.
Table 6. Channel Setting
L/R SELECT Setting
Channel
Low (Tie to Ground)
DATA1 (right)
High (Tie to VDD)
DATA2 (left)
For PDM data, the density of the pulses indicates the signal
amplitude. A high density of high pulses indicates a signal near
positive full scale, and a high density of low pulses indicates a signal
near negative full scale. A perfect zero (dc) audio signal shows
an alternating pattern of high and low pulses.
The output PDM data signal has a small dc offset of about 3% of
full scale. A high-pass filter in the codec that is connected to the
digital microphone and does not affect the performance of the
microphone typically removes this dc signal.
PDM MICROPHONE SENSITIVITY
The sensitivity of a PDM output microphone is specified with
the unit dBFS (decibels relative to digital full scale). A 0 dBFS
sine wave is defined as a signal whose peak just touches the full-
scale code of the digital word (see Figure 14). This measurement
convention also means that signals with a different crest factor
may have an rms level higher than 0 dBFS. For example, a full-scale
square wave has an rms level of 3 dBFS.
This definition of a 0 dBFS signal must be understood when
measuring the sensitivity of the ADMP621. A 1 kHz sine wave
at a 94 dB SPL acoustic input to the ADMP621 results in an
output signal with a −46 dBFS level. The output digital word
peaks at −46 dB below the digital full-scale level. A common
misunderstanding is that the output has an rms level of −49 dBFS;
however, this is not true because of the definition of the 0 dBFS
sine wave.
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
0.9
1.0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
TIME (ms)
Figure 14. 1 kHz, 0 dBFS Sine Wave
There is not a commonly accepted unit of measurement to
express the instantaneous level, as opposed to the rms level of
the signal, of a digital signal output from the microphone. Some
measurement systems express the instantaneous level of an
individual sample in units of D, where 1.0 D is digital full scale.
In this case, a −46 dBFS sine wave has peaks at 0.005 D.
Rev. 0 | Page 8 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com