Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU101RICT Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSU101RICT
Description  Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU101RICT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSU101RICT Datasheet HTML 10Page - STMicroelectronics TSU101RICT Datasheet HTML 11Page - STMicroelectronics TSU101RICT Datasheet HTML 12Page - STMicroelectronics TSU101RICT Datasheet HTML 13Page - STMicroelectronics TSU101RICT Datasheet HTML 14Page - STMicroelectronics TSU101RICT Datasheet HTML 15Page - STMicroelectronics TSU101RICT Datasheet HTML 16Page - STMicroelectronics TSU101RICT Datasheet HTML 17Page - STMicroelectronics TSU101RICT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Electrical characteristics
TSU101, TSU102, TSU104
14/33
DocID024317 Rev 2
Figure 20. Output swing vs. input signal
frequency
Figure 21. Triangulation of a sine wave
10
100
1000
10000
0.0
0.0
0.5
0.5
1.0
1.0
1.5
1.5
2.0
2.0
2.5
2.5
3.0
3.0
3.5
3.5
4.0
4.0
Follower configuration
Vcc=3.3V, Vin=3.3Vpp
Vicm=Vrl=1.65V
Rl=10MΩ, Cl=16pF
T=25°C
Frequency (Hz)
0011223344
-3
-3
-2
-2
-1
-1
00
11
22
33
Follower configuration, Vin=3Vpp, F=1kHz
Vcc=3.3V, Vicm=Vrl=1.65V
Rl=10MΩ, Cl=16pF, T=25°C
Time (ms)
Figure 22. Large signal response at 3.3 V
supply voltage
Figure 23. Small signal response at 3.3 V supply
voltage
0011223344556677889910
10
-2
-2
-1
-1
00
11
22
Follower configuration, T=25°C
Vcc=3.3V
Vicm=Vrl=1.65V
Rl=10MΩ, Cl=16pF
Time (ms)
0.0
0.0 0.1
0.1 0.2
0.2 0.3
0.3 0.4
0.4 0.5
0.5 0.6
0.6 0.7
0.7 0.8
0.8 0.9
0.9 1.0
1.0
-35
-30
-30
-25
-20
-20
-15
-10
-10
-5
00
5
10
10
15
20
20
25
30
30
35
Follower configuration, T=25°C
Vcc=3.3V
Vicm=Vrl=1.65V
Rl=10MΩ, Cl=16pF
Time (ms)
Figure 24. Overshoot vs. capacitive load at
3.3 V supply voltage
Figure 25. Phase margin vs. capacitive load at
3.3 V supply voltage
0050
50
100
100
150
150
200
200
00
3
55
8
10
10
13
15
15
18
20
20
23
25
25
28
30
30
Vcc=3.3V, Vicm=Vrl=1.65V
Follower configuration
50mVpp step
Rl=10MΩ, T=25°C
Capacitive load (pF)
0050
50
100
100
150
150
200
200
250
250
00
5
10
10
15
20
20
25
30
30
35
40
40
45
50
50
55
60
60
65
70
70
Vcc=3.3V, Vicm=Vrl=1.65V
Gain 101 : Rg=10kΩ, Rf=1MΩ
Rl=10MΩ
T=25°C
Capacitive load (pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com