Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU101RICT Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSU101RICT
Description  Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU101RICT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSU101RICT Datasheet HTML 15Page - STMicroelectronics TSU101RICT Datasheet HTML 16Page - STMicroelectronics TSU101RICT Datasheet HTML 17Page - STMicroelectronics TSU101RICT Datasheet HTML 18Page - STMicroelectronics TSU101RICT Datasheet HTML 19Page - STMicroelectronics TSU101RICT Datasheet HTML 20Page - STMicroelectronics TSU101RICT Datasheet HTML 21Page - STMicroelectronics TSU101RICT Datasheet HTML 22Page - STMicroelectronics TSU101RICT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
DocID024317 Rev 2
19/33
TSU101, TSU102, TSU104
Application information
33
Equation 5
To evaluate the op-amp reliability, a follower stress condition is used where VCC is defined
as a function of the maximum operating voltage and the absolute maximum rating (as
recommended by JEDEC rules).
The Vio drift (in µV) of the product after 1000 h of stress is tracked with parameters at
different measurement conditions (see Equation 6).
Equation 6
The long term drift parameter (ΔVio), estimating the reliability performance of the product, is
obtained using the ratio of the Vio (input offset voltage value) drift over the square root of the
calculated number of months (Equation 7).
Equation 7
where Vio drift is the measured drift value in the specified test conditions after 1000 h stress
duration.
4.5
Schematic optimization aiming for nanopower
To benefit from the full performance of the TSU10 series, the impedances must be
maximized so that current consumption is not lost where it is not required.
For example, an aluminum electrolytic capacitance can have significantly high leakage. This
leakage may be greater than the current consumption of the op-amp. For this reason,
ceramic type capacitors are preferred.
For the same reason, big resistor values should be used in the feedback loop. However,
there are three main limitations to be considered when choosing a resistor.
1.
When the TSU10x series is used with a sensor: the resistance connected between the
sensor and the input must remain much higher than the impedance of the sensor itself.
2.
Noise generated: a100 kΩ resistor generates 40
, a bigger resistor value generates
even more noise.
3.
Leakage on the PCB: leakage can be generated by moisture. This can be improved by
using a specific coating process on the PCB.
Months
AF 1000 h
×
12 months
24 h
365.25 days
×
()
⁄
×
=
VCC
maxVop with Vicm
VCC 2
⁄
==
ΔVio
Viodrift
months
()
------------------------------
=
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com