Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU101RICT Datasheet(PDF) 23 Page - STMicroelectronics

Part # TSU101RICT
Description  Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU101RICT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TSU101RICT Datasheet HTML 19Page - STMicroelectronics TSU101RICT Datasheet HTML 20Page - STMicroelectronics TSU101RICT Datasheet HTML 21Page - STMicroelectronics TSU101RICT Datasheet HTML 22Page - STMicroelectronics TSU101RICT Datasheet HTML 23Page - STMicroelectronics TSU101RICT Datasheet HTML 24Page - STMicroelectronics TSU101RICT Datasheet HTML 25Page - STMicroelectronics TSU101RICT Datasheet HTML 26Page - STMicroelectronics TSU101RICT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
DocID024317 Rev 2
23/33
TSU101, TSU102, TSU104
Application information
33
4.10
ESD structure of TSU10x series
The TSU101, TSU102, and TSU104 are protected against electrostatic discharge (ESD)
with dedicated diodes (see Figure 41). These diodes must be considered at application level
especially when signals applied on the input pins go beyond the power supply rails (VCC+ or
VCC-).
Figure 41. ESD structure
Current through the diodes must be limited to a maximum of 10 mA as stated in Table 1. A
serial resistor or a Schottky diode can be used on the inputs to improve protection but the
10 mA limit of input current must be strictly observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com