Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU101RICT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSU101RICT
Description  Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU101RICT Datasheet(HTML) 4 Page - STMicroelectronics

  TSU101RICT Datasheet HTML 1Page - STMicroelectronics TSU101RICT Datasheet HTML 2Page - STMicroelectronics TSU101RICT Datasheet HTML 3Page - STMicroelectronics TSU101RICT Datasheet HTML 4Page - STMicroelectronics TSU101RICT Datasheet HTML 5Page - STMicroelectronics TSU101RICT Datasheet HTML 6Page - STMicroelectronics TSU101RICT Datasheet HTML 7Page - STMicroelectronics TSU101RICT Datasheet HTML 8Page - STMicroelectronics TSU101RICT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Absolute maximum ratings and operating conditions
TSU101, TSU102, TSU104
4/33
DocID024317 Rev 2
2
Absolute maximum ratings and operating conditions
Table 1. Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
Vcc
Supply voltage(1)
1. All voltage values, except the differential voltage are with respect to the network ground terminal.
6
V
Vid
Differential input voltage(2)
2. The differential voltage is the non-inverting input terminal with respect to the inverting input terminal.
±Vcc
Vin
Input voltage(3)
3.
(Vcc+ - Vin) must not exceed 6 V, (Vin - Vcc-) must not exceed 6 V.
Vcc- - 0.2 to Vcc+ + 0.2
Iin
Input current(4)
4. The input current must be limited by a resistor in series with the inputs.
10
mA
Tstg
Storage temperature
-65 to +150
°C
Rthja
Thermal resistance junction to ambient(5)(6)
SC70-5
SOT23-5
DFN8 2x2
MiniSO8
QFN16 3x3
TSSOP14
5. Short-circuits can cause excessive heating and destructive dissipation.
6. Rth are typical values.
205
250
117
190
45
100
°C/W
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model(7)
7. Related to ESDA/JEDEC JS-001 Apr. 2010
2000
V
MM: machine model(8)
8. Related to JEDEC JESD22-A115C Nov.2010
200
CDM: charged device model(9)
All other packages except SC70-5
SC70-5
9. Related to JEDEC JESD22-C101-E Dec. 2009
1000
900
Latch-up immunity(10)
10. Related to JEDEC JESD78C Sept. 2010
200
mA
Table 2. Operating conditions
Symbol
Parameter
Value
Unit
Vcc
Supply voltage
1.5 to 5.5
V
Vicm
Common mode input voltage range
Vcc- - 0.1 to Vcc+ + 0.1
Toper
Operating free air temperature range
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com