Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU101RICT Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSU101RICT
Description  Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU101RICT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSU101RICT Datasheet HTML 12Page - STMicroelectronics TSU101RICT Datasheet HTML 13Page - STMicroelectronics TSU101RICT Datasheet HTML 14Page - STMicroelectronics TSU101RICT Datasheet HTML 15Page - STMicroelectronics TSU101RICT Datasheet HTML 16Page - STMicroelectronics TSU101RICT Datasheet HTML 17Page - STMicroelectronics TSU101RICT Datasheet HTML 18Page - STMicroelectronics TSU101RICT Datasheet HTML 19Page - STMicroelectronics TSU101RICT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Electrical characteristics
TSU101, TSU102, TSU104
16/33
DocID024317 Rev 2
Figure 32. Noise at 1.8 V supply voltage in
follower configuration
Figure 33. Noise at 3.3 V supply voltage in
follower configuration
10
100
1000
10000
100000
10
100
1000
10000
Vicm=1.5V
Vicm=0.9V
Vcc=1.8V
Follower configuration
T=25°C
Frequency (Hz)
10
100
1000
10000
100000
10
100
1000
10000
Vicm=3V
Vicm=1.65V
Vcc=3.3V
Follower configuration
T=25°C
Frequency (Hz)
Figure 34. Noise at 5 V supply voltage in
follower configuration
Figure 35. Noise amplitude on 0.1 to 10 Hz
frequency range
Figure 36. Channel separation on TSU102
Figure 37. Channel separation on TSU104
10
100
1000
10000
100000
10
100
1000
10000
Vicm=4.7V
Vicm=2.5V
Vcc=5V
Follower configuration
T=25°C
Frequency (Hz)
0011223344556677889910
10
-20
-20
-15
-10
-10
-5
00
5
10
10
15
20
20
Vcc=3V, Vicm=1.65V
Bandpass filter : 0.1Hz to 10Hz
T=25°C
Time (s)
10
100
1k
10k
0
0
20
20
40
40
60
60
80
80
100
100
120
120
140
140
V
cc=5V
V
icm=2.5V
V
in=2Vpp
T=25°C
Frequency (Hz)
10
100
1k
10k
0
0
20
20
40
40
60
60
80
80
100
100
120
120
140
140
Ch1 - Ch2
Ch1 - Ch3
Ch1 - Ch4
V
cc=5V
V
icm=2.5V
V
in=2Vpp
T=25°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com