Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU101RICT Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSU101RICT
Description  Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU101RICT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSU101RICT Datasheet HTML 16Page - STMicroelectronics TSU101RICT Datasheet HTML 17Page - STMicroelectronics TSU101RICT Datasheet HTML 18Page - STMicroelectronics TSU101RICT Datasheet HTML 19Page - STMicroelectronics TSU101RICT Datasheet HTML 20Page - STMicroelectronics TSU101RICT Datasheet HTML 21Page - STMicroelectronics TSU101RICT Datasheet HTML 22Page - STMicroelectronics TSU101RICT Datasheet HTML 23Page - STMicroelectronics TSU101RICT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Application information
TSU101, TSU102, TSU104
20/33
DocID024317 Rev 2
4.6
PCB layout considerations
For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible
to the power supply pins.
Minimizing the leakage from sensitive high impedance nodes on the inputs of the TSU10x
series can be performed with a guarding technique. The technique consists of surrounding
high impedance tracks by a low impedance track (the ring). The ring is at the same electrical
potential as the high impedance node.
Therefore, even if some parasitic impedance exists between the tracks, no leakage current
can flow through them as they are at the same potential (see Figure 38).
Figure 38. Guarding on the PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com