Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5304ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD5304ARMZ
Description  2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5304ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5304ARMZ Datasheet HTML 3Page - Analog Devices AD5304ARMZ Datasheet HTML 4Page - Analog Devices AD5304ARMZ Datasheet HTML 5Page - Analog Devices AD5304ARMZ Datasheet HTML 6Page - Analog Devices AD5304ARMZ Datasheet HTML 7Page - Analog Devices AD5304ARMZ Datasheet HTML 8Page - Analog Devices AD5304ARMZ Datasheet HTML 9Page - Analog Devices AD5304ARMZ Datasheet HTML 10Page - Analog Devices AD5304ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD5304/AD5314/AD5324
Rev. H | Page 7 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD 1
VOUTA 2
VOUTB 3
VOUTC 4
REFIN 5
AD5304/
AD5314/
AD5324
TOP VIEW
(Not to Scale)
SYNC
10
SCLK
9
DIN
8
GND
7
VOUTD
6
Figure 3. 10-Lead MSOP Pin Configuration
VDD
VOUTA
VOUTB
VOUTC
REFIN
AD5304/
AD5314/
AD5324
NOTES
1. THE EXPOSED PAD IS THE GROUND REFERENCE POINT
FOR ALL CIRCUITRY ON THE PART. IT CAN BE
CONNECTED TO 0 V OR LEFT UNCONNECTED PROVIDED
THERE IS A CONNECTION TO 0 V VIA THE GND PIN.
TOP VIEW
(Not to Scale)
SCLK
DIN
GND
VOUTD
SYNC
1
2
3
4
5
10
9
8
7
6
Figure 4. 10-Lead LFCSP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Power Supply Input. These parts can be operated from 2.5 V to 5.5 V and the supply can be decoupled to GND.
2
VOUTA
Buffered Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
3
VOUTB
Buffered Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
4
VOUTC
Buffered Analog Output Voltage from DAC C. The output amplifier has rail-to-rail operation.
5
REFIN
Reference Input Pin for All Four DACs. It has an input range from 0.25 V to VDD.
6
VOUTD
Buffered Analog Output Voltage from DAC D. The output amplifier has rail-to-rail operation.
7
GND
Ground Reference Point for All Circuitry on the Part.
8
DIN
Serial Data Input. This device has a 16-bit shift register. Data is clocked into the register on the falling edge of the
serial clock input. The DIN input buffer is powered down after each write cycle.
9
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input. Data can
be transferred at clock speeds up to 30 MHz. The SCLK input buffer is powered down after each write cycle.
10
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC goes low, it
enables the input shift register and data is transferred in on the falling edges of the following 16 clocks. If SYNC is
taken high before the 16th falling edge of SCLK, the rising edge of SYNC acts as an interrupt and the write
sequence is ignored by the device.
Exposed
Paddle1
Ground Reference Point for All Circuitry on the Part. Can be connected to 0 V or left unconnected provided there is
a connection to 0 V via the GND pin.
1 For the 10-Lead LFCSP only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com